Electronic Components Datasheet Search
  English  ▼

X  

DAC5682Z Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682Z Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC5682Z Datasheet HTML 24Page - Texas Instruments DAC5682Z Datasheet HTML 25Page - Texas Instruments DAC5682Z Datasheet HTML 26Page - Texas Instruments DAC5682Z Datasheet HTML 27Page - Texas Instruments DAC5682Z Datasheet HTML 28Page - Texas Instruments DAC5682Z Datasheet HTML 29Page - Texas Instruments DAC5682Z Datasheet HTML 30Page - Texas Instruments DAC5682Z Datasheet HTML 31Page - Texas Instruments DAC5682Z Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
www.ti.com
DAC5682Z
SLLS853A – AUGUST 2007 – REVISED NOVEMBER 2007
Register name: CONFIG11 – Address: 0x0B, Default = 0x00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PLL_LPF_ reset
VCO_div2
PLL_gain(1:0)
PLL_range(3:0)
0
0
0
0
0
0
0
0
PLL_LPF_reset:
When a logic high, the PLL loop filter (LPF) is pulled down to 0V. Toggle from ‘1’ to ‘0’ to
restart the PLL if an over-speed lock-up occurs. Over-speed can happen when the process
is fast, the supplies are higher than nominal, etc., resulting in the feedback dividers missing
a clock.
VCO_div2:
When set, the PLL CLOCK output is 1/2 the PLL VCO frequency. Used to run the VCO at
2X the needed clock frequency to reduce phase noise for lower input clock rates.
PLL_gain(1:0):
Used to adjust the PLL’s Voltage Controlled Oscillator (VCO) gain, KVCO. Refer to the
Electrical Characteristics table. By increasing the PLL_gain, the VCO can cover a broader
range of frequencies; however, the higher gain also increases the phase noise of the PLL.
In general, lower PLL_gain settings result in lower phase noise. The KVCO of the VCO can
also affect the PLL stability and is used to determine the loop filter components. See
section on determining the PLL filter components for more detail.
PLL_range(3:0):
Programs the PLL VCO fixed bias current. Refer to the Electrical Characteristics table. This
setting, in conjunction with the PLL_gain(1:0), sets the achievable frequency range of the
PLL VCO:
'000' – minimum bias current and lowest VCO frequency range
'111' – maximum bias current and highest VCO frequency range
Register name: CONFIG12 – Address: 0x0C, Default = 0x00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved(1:0)
Offset_sync
OffsetA(12:8)
0
0
0
0
0
0
0
0
Reserved(1:0):
Set to ‘00’ for proper operation.
Offset_sync:
On a change from ‘0’ to ‘1’ the values of the OffsetA(12:0) and OffsetB(12:0) control
registers are transferred to the registers used in the DAC-A and DAC-B offset calculations.
This double buffering allows complete control by the user as to when the change in the
offset value occurs. This bit does not auto-clear. Prior to updating new offset values, it is
recommended that the user clear this bit.
OffsetA(12:8):
Upper 5 bits of the offset adjustment value for the A data path. (SYNCED via Offset_sync)
Register name: CONFIG13 – Address: 0x0D, Default = 0x00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OffsetA(7:0)
0
0
0
0
0
0
0
0
OffsetA(7:0):
Lower 8 bits of the offset adjustment value for the A data path. (SYNCED via Offset_sync)
28
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): DAC5682Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com