Electronic Components Datasheet Search
  English  ▼

X  

SM1125 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM1125
Description  Multimelody IC for Pagers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1125 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM1125 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SM1125 series
SEIKO NPC CORPORATION —4
AC Characteristics
Unless otherwise noted Ta =
−20 to 70°C, VSS = 0V, VDD = 1.5 to 3.6V
OSC input pulse (External clock input option)
SC input pulse
SC-SI serial input pulse
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
OSC pulse cycle
tOSC
“OSC input pulse (External clock
input option)” timing
5.0
–
–
µs
OSC HIGH-level pulsewidth
tOWH
2.0
–
–
µs
OSC LOW-level pulsewidth
tOWL
2.0
–
–
µs
OSC pulse rise time
tOr
–
–
200
ns
OSC pulse fall time
tOf
–
–
200
ns
SC pulse cycle
tSC
“SC input pulse” timing
5.0
–
–
µs
SC HIGH-level pulsewidth
tSWH
2.0
–
–
µs
SC LOW-level pulsewidth
tSWL
2.0
–
–
µs
SC pulse rise time
tSr
–
–
200
ns
SC pulse fall time
tSf
–
–
200
ns
SI-SC setup time
tDS
“SC-SI serial input pulse” timing
2.0
–
–
µs
SI-SC hold time
tDH
2.0
–
–
µs
VIH
VIL
0.5VDD
tOf
t Or
t
OSC
t
0.1VDD
0.9VDD
OWL
OWH
t
VIH
VIL
0.5VDD
tSf
tSr
SWL
t
SC
t
0.1VDD
0.9VDD
t SWH
VIH
VIL
0.5VDD
SC
VIH
VIL
0.5VDD
SI
DH
t
t DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com