Electronic Components Datasheet Search
  English  ▼

X  

SM1125 Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM1125
Description  Multimelody IC for Pagers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1125 Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM1125 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SM1125 series
SEIKO NPC CORPORATION —8
Musical Specifications
Maximum program steps
The mask for the built-in ROM can be programmed with up to a maximum of 512 steps, where each step repre-
sents either a note (sound pitch and length) or a rest.
Note length (including rests)
Eight rhythm values for notes and rests can be programmed. Also, 2 or more notes can be musically tied.
Pitch and scale
SM1125 series devices perform uniform interval length processing to reduce the error at high pitches. This
maintains the relative phase when the frequency varies from the input value.
The pitch varies with the clock frequency, as shown in the frequency listing in table 4.
The frequency variation from the input frequency is the sum of the relative error, shown in the frequency table,
plus the pitch error.
(Ex) 38.4kHz system, A4 note
Relative error: 8.99 cent
Pitch error:
−3.58 cent
Total: +5.41 cent
Error calculation:
Table 3. Rhythm values
01234567
Note
Rest
1200
× log
2
= 1200
×
Reference frequency
Output frequency
log10
Reference frequency
Output frequency
log102
≈ 3986.3 × log
10 Reference frequency
Output frequency
≈ 3986.3 × log
10 440.000
441.379
≈ 5.41 cent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com