Electronic Components Datasheet Search
  English  ▼

X  

SM1125 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM1125
Description  Multimelody IC for Pagers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1125 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM1125 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1125 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SM1125 series
SEIKO NPC CORPORATION —1
Multimelody IC for Pagers
OVERVIEW
The SM1125 series are melody ICs fabricated in NPC’s Molybdenum-gate CMOS for use in mobile telecom-
munications equipment. A maximum of 16 melodies can be stored in programmable ROM.
FEATURES
I
Maximum of 16 melody selections (with up to 512
steps)
I
Level hold playback mode
I
External reference clock input versions and built-
in RC oscillator versions available, set by master-
slice option (RC oscillator versions require an
external resistor and capacitor).
I
12 selectable clock frequencies (fixed for all melo-
dies)
• External clock input versions (12 frequencies)
- 32.768kHz system: 32.768, 65.536 and
131.072kHz
- 37.5kHz system: 37.5, 75.0 and 150.0kHz
- 38.4kHz system: 38.4, 76.8 and 153.6kHz
- 48.0kHz system: 48.0, 96.0 and 192.0kHz
• Built-in oscillator versions (4 frequencies)
- 38.4kHz (standard oscillator frequency)
- 32.768kHz
- 37.5kHz
- 48.0kHz
I
2-pin serial data melody selection and 1-pin mel-
ody playback control
I
Power save function
• External clock input versions
Clock gating in no-play modes
• Built-in RC oscillator versions
Oscillator stopped in no-play modes
I
Molybdenum-gate CMOS process
I
8-pin plastic VSOP package
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
Device
Package
SM1125
××V
8pin VSOP
OSC
SI
SC
ST
VSS
VDD
MTO
TEST
1
4
5
6
2
3
7
8
0.65
0.22 ± 0.1
0.575 TYP
0.15
+ 0.1
− 0.05
0.12
+
M
0.10
3.1 ± 0.3


Similar Part No. - SM1125

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM1125 NPC-SM1125 Datasheet
96Kb / 12P
Multimelody IC for Pagers
SM1125ABV NPC-SM1125ABV Datasheet
93Kb / 9P
Multimelody IC for Pagers
More results

Similar Description - SM1125

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2537 NJRC-NJM2537 Datasheet
321Kb / 10P
FM IF IC FOR PAGERS
logo
Nippon Precision Circui...
SM1124 NPC-SM1124 Datasheet
92Kb / 10P
Multimelody IC for Pagers
SM1125 NPC-SM1125 Datasheet
96Kb / 12P
Multimelody IC for Pagers
SM8211M NPC-SM8211M Datasheet
145Kb / 22P
POCSAG Decoder For Pagers
SM8213AM NPC-SM8213AM Datasheet
171Kb / 33P
POCSAG Decoder For Multiframe Pagers
logo
Rohm
BH6111FV ROHM-BH6111FV Datasheet
148Kb / 9P
Power unit IC for pagers
BH6113FV ROHM-BH6113FV Datasheet
207Kb / 11P
Power unit ICs for pagers
logo
New Japan Radio
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
FM IF IC FOR PAGERS
logo
Nippon Precision Circui...
SM1125ABV NPC-SM1125ABV Datasheet
93Kb / 9P
Multimelody IC for Pagers
logo
CML Microcircuits
FX013 CMLMICRO-FX013 Datasheet
229Kb / 6P
HSC Tone Decoder for pagers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com