Electronic Components Datasheet Search
  English  ▼

X  

SM5819AF Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5819AF
Description  6-channel DSD-PCM Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5819AF Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5819AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SM5819AF
SEIKO NPC CORPORATION —6
AC Electrical Characteristics
VDDH = 3.0 to 3.6V, VDDL = 2.3 to 2.7V, VSS = 0V, TOPR = – 40 to 85°C, fs = 44.1kHz unless otherwise noted.
When DSBCK and PLRCK clocks are supplied by external clock input, their frequencies are related to the
MCK input frequency by the following frequency divider ratios.
(DSBCK) cycle
= 8
× MCK cycle (64fs)
(PLRCK) cycle [4fs mode] = 128
× MCK cycle (4fs)
(PLRCK) cycle [2fs mode] = 256
× MCK cycle (2fs)
(PLRCK) cycle [fs mode] = 512
× MCK cycle (fs)
System clock
I
MCK pin
External system clock
I
EXIMCK pin
Parameter
Symbol
Rating
Unit
min
typ
max
"H"-level pulsewidth
tMCWH
13
–
–
ns
"L"-level pulsewidth
tMCWL
13
–
–
ns
Pulse cycle
tMCY
40
44.29 (1/512fs)
–
ns
Rise/fall time
tr , tf
–
–
10
ns
Parameter
Symbol
Rating
Unit
min
typ
max
"H"-level pulsewidth
tECWH
13
–
–
ns
"L"-level pulsewidth
tECWL
13
–
–
ns
Pulse cycle
tECY
40
–
–
ns
Rise/fall time
ter , tef
–
–
10
ns
0.9VDDH
MCK
tr
tf
tMCWH
tMCWL
tMCY
0.5VDDH
0.1VDDH
0.9VDDH
EXIMCK
ter
tef
tECWH
tECWL
tECY
0.5VDDH
0.1VDDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com