Electronic Components Datasheet Search
  English  ▼

X  

SM5819AF Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM5819AF
Description  6-channel DSD-PCM Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5819AF Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM5819AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SM5819AF
SEIKO NPC CORPORATION —11
FUNCTIONAL DESCRIPTION
Data Input/Output Formats
DSD input format
DSD input data is read in on the rising edge of the DSBCK bit clock.
PCM output format
The PCM output format can be assigned to either of two types below using FMTPCM. The output data is in 32-
bit 2s complement form. The PLRCK and PBCK frequencies are set in response to the fs/2fs/4fs switch mode.
However, when external inputs are selected, the inputs are passed to the output in through mode, regardless of
the assigned format.
(1) MSB-first left-justified 32-bit (FMTPCM = “L”)
I
If more than 32 bit clock cycles are input during a word clock cycle HIGH-level or LOW-level pulse, all bits
after the 32nd bit are output as “0”.
I
When PLRCK and PBCK are set to output mode, the number of bit clock cycles during a word clock HIGH-
level or LOW-level pulse is fixed at 32.
(2) IIS 32-bit (FMTPCM = “H”)
I
In this format, there are 32 bit clock cycles per word clock cycle regardless of the input/output settings.
DSI**: DSIFL, DSIFR, DSISL, DSISR, DSICT, DSISW pins
PO**: POFLR, POSLR, POCSW pins
PO**: POFLR, POSLR, POCSW pins
DSBCK
DSI**
(1/64fs)
PLRCK
(1/fs, 1/2fs, or 1/4fs)
31 30 29 28
MSB
PBCK
PO**
2
1
0
31 30
LSB
29 28
2
1
0
31 30
Lch (POSLR, POFLR)
Center (POCSW)
Rch (POSLR, POFLR)
SubWoofer (POCSW)
PLRCK
(1/fs, 1/2fs, or 1/4fs)
0
31 30 29
4
3
2
0
31 30
MSB
0
31
LSB
PBCK
PO**
29
4
3
2
Rch (POSLR, POFLR)
SubWoofer (POCSW)
Lch (POSLR, POFLR)
Center (POCSW)
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com