Electronic Components Datasheet Search
  English  ▼

X  

SM6451A Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM6451A
Description  Audio Variable Volume IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6451A Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM6451A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SM6451A
SEIKO NPC CORPORATION —2
BLOCK DIAGRAM
PIN DESCRIPTION
Number
Name
I/O1
1.
Ip = input pin with pull-up, A = analog, D= digital
A/D1
Description
1
RSTN
Ip
D
System reset input (LOW-level reset)
2
ADRS1
Ip
D
Chip address set 1
3
ADRS2
Ip
D
Chip address set 2
4
DVDD
–
D
Digital supply
5
LOUT
O
A
Left-channel audio output
6
LIN
I
A
Left-channel audio input
7
AVDD
–
A
Analog supply
8
VRL
O
A
Left-channel reference voltage (0.5VDD). Connect a 10µF capacitor
between VRL and AVSS.
9
VRR
O
A
Right-channel reference voltage (0.5VDD). Connect a 10µF capacitor
between VRR and AVSS.
10
AVSS
–
A
Analog ground
11
RIN
I
A
Right-channel audio input
12
ROUT
O
A
Right-channel audio output
13
DVSS
–
D
Digital ground
14
MLEN
Ip
D
Microcontroller latch enable input
15
MCK
Ip
D
Microcontroller clock input
16
MDT
Ip
D
Microcontroller data input
ROUT
LOUT
LIN
RIN
1/2VDD
MLEN
MDT
MCK
RSTN
ADRS1
ADRS2
Attenuation
Control
Attenuation
Control
AVDD
AVSS
DVDD
DVSS
VRR
VRL
1/2VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com