Electronic Components Datasheet Search
  English  ▼

X  

SM6451A Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM6451A
Description  Audio Variable Volume IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6451A Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM6451A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SM6451A
SEIKO NPC CORPORATION —3
SPECIFICATIONS
Absolute Maximum Ratings
DVSS = AVSS = 0V, DVDD = AVDD = VDD
Note. Rating applies at power-ON and power-OFF.
Recommended Operating Conditions
DVSS = AVSS = 0V, DVDD = AVDD = VDD
DC Characteristics
DVDD = AVDD = VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to 85°C
Parameter
Symbol
Rating
Unit
Supply voltage
VDD
−0.3 to 7.0
V
Input voltage
VIN
VSS − 0.3 to VDD + 0.3
V
Power dissipation
PD
150
mW
Storage temperature
Tstg
−55 to 125
°C
Parameter
Symbol
Rating
Unit
Supply voltage
VDD
4.5 to 5.5
V
Supply voltage deviation
DVDD − AVDD, DVSS − AVSS
±0.1
V
Operating temperature
Topr
−40 to 85
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
DVDD Current consumption
IDDD1
Data transfer stopped, MDT, MCK,
MLEN, RSTN, ADRS1, ADRS2 = VDD
–
0.3
1.0
µA
IDDD2
ADRS1 = ADRS2 = 0V, 1.2Vrms analog
input, ATT = 0dB, data transfer active
–12
mA
AVDD Current consumption
IDDA
–
4.5
8
mA
HIGH-level input voltage1
1.
MDT, MCK, MLEN, RSTN, ADRS1, ADRS2
VIH
0.7VDD
––
V
LOW-level input voltage1
VIL
–
–
0.3VDD
V
Input current1
IIL
VIN = 0V
–
230
400
µA
Input leakage current1
IIH
VIN = VDD
–
–
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com