Electronic Components Datasheet Search
  English  ▼

X  

SM6451A Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM6451A
Description  Audio Variable Volume IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6451A Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM6451A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SM6451A
SEIKO NPC CORPORATION —5
AC Analog Characteristics
VDD = 5.0V, 1.2Vrms amplitude, 1kHz input frequency, 100kΩ output load resistance, Ta = 25°C,
AC-coupled inputs
Analog inputs (LIN, RIN)
Analog outputs (LOUT, ROUT)
Reference voltage (VRL, VRR)
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Input reference amplitude
VAI
–
1.2
–
Vrms
Input resistance
RIN
40
50
60
k
Ω
Input clipping voltage
VCLP
THD + N = 1%, ATT = 0dB
–
1.75
–
Vrms
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Residual noise voltage
VNS
Input signal: 0Vrms,
A-weight filter, 0dBr =
1.2Vrms, ATT = 0dB
–10
20
µVrms
Signal-to-noise ratio
SNR
95
100
–
dBr
Total harmonic distortion + noise
THD + N
ATT = 0dB, 20kHz lowpass
filter
–
0.0017
0.0025
%
Gain control range
RCNT
−80
–
0
dB
Step size
Step
0.8
1
1.5
dB
Attenuation error (1k to 20kHz)
ERR1
0 to
−60dB
−2–
1dB
ERR2
−61 to −80dB
−5–
0dB
Absolute attenuation (1kHz)
AT0
ATT = 0dB
–
−0.1
–
dB
AT2
ATT =
−20dB
–
−20.1
–
dB
AT4
ATT =
−40dB
–
−40.3
–
dB
AT6
ATT =
−60dB
–
−60.5
–
dB
AT8
ATT =
−80dB
–
−83.0
–
dB
Mute attenuation (1kHz)
Mute
ATT = Mute
−88
−92
–
dB
Channel crosstalk
CT
ATT = 0dB
−105
−112
–
dB
Frequency response
FR
ATT = 0dB, f = 200kHz
–
−5–dB
Quiescent output zip noise voltage
(while ATT value adjusting)
NJ
0Vrms input
–
–
3
mV
Minimum driver load resistance
RML
ATT = 0dB, THD + N = 1%
–
6
10
k
Ω
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Reference voltage output
VREF
0.45VDD
0.5VDD
0.55VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com