Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6435 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6435
Description  Digital Media Processor
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6435 Datasheet(HTML) 82 Page - Texas Instruments

Back Button TMS320DM6435 Datasheet HTML 78Page - Texas Instruments TMS320DM6435 Datasheet HTML 79Page - Texas Instruments TMS320DM6435 Datasheet HTML 80Page - Texas Instruments TMS320DM6435 Datasheet HTML 81Page - Texas Instruments TMS320DM6435 Datasheet HTML 82Page - Texas Instruments TMS320DM6435 Datasheet HTML 83Page - Texas Instruments TMS320DM6435 Datasheet HTML 84Page - Texas Instruments TMS320DM6435 Datasheet HTML 85Page - Texas Instruments TMS320DM6435 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 252 page
background image
www.ti.com
3.5 Configurations At Reset
3.5.1
Device and Peripheral Configurations at Device Reset
TMS320DM6435
Digital Media Processor
SPRS344B – NOVEMBER 2006 – REVISED NOVEMBER 2007
Some device configurations are determined at reset. The following subsections give more details.
Table 2-5, BOOT Terminal Functions lists the device boot and configuration pins that are latched at device
reset for configuring basic device settings for proper device operation. Table 3-12, summarizes the device
boot and configuration pins, and the device functions that they affect.
Table 3-12. Default Functions Affected by Device Boot and Configuration Pins
DEVICE BOOT AND
CONFIGURATION
BOOT SELECTED
PIN MUX CONTROL
GLOBAL SETTING
PERIPHERAL SETTING
PINS(1)
BOOTMODE[3:0]
Boot Mode
PINMUX0/PINMUX1
I/O Pin Power:
PSC/Peripherals:
Registers:
Based on
Based on
Based on
BOOTMODE[3:0], the
BOOTMODE[3:0], the
BOOTMODE[3:0], the
bootloader code programs bootloader code programs
bootloader code programs VDD3P3V_PWDN register the PSC to put
PINMUX0 and PINMUX1
to power up the I/O pins
boot-related peripheral(s)
registers to select the
required for boot.
in the Enable State, and
appropriate pin functions
programs the peripheral(s)
required for boot.
for boot operation.
FASTBOOT
Fastboot
–
Sets Device Frequency:
–
Based on BOOTMODE,
FASTBOOT, PLLMS, and
AEM the bootloader code
programs PLLC1.
AEAW[2:0]/PLLMS[2:0]
If FASTBOOT = 1 and
PINMUX0.AEAW:
Sets Device Frequency:
–
AEM = 000b or 101b the
AEAW[2:0] sets the
Based on BOOTMODE,
PLLMS[2:0] selects the
default of this field to
FASTBOOT, PLLMS, and
FASTBOOT PLL
control the EMIFA
AEM the bootloader code
Multiplier.
address bus width (only
programs PLLC1.
applicable if
PINMUX0.AEM = 001b).
Affects the pin muxing in
EMIFA/VPSS Sub-Block
0.
AEM[2:0]
Together with FASTBOOT PINMUX0.AEM:
Sets Device Frequency:
PSC/EMIFA:
and PLLMS[2:0] ,
Sets the default of this
Based on BOOTMODE,
The EMIFA module state
determines the
field to control the EMIFA
FASTBOOT, PLLMS, and
defaults to SwRstDisable
FASTBOOT PLL
Pinout Mode.
AEM the bootloader code
if AEM = 0; otherwise, the
Multiplier.
programs PLLC1.
EMIFA module state
Affects the pin muxing in
defaults to Enable.
EMIFA/VPSS Sub-Block
0, 1, and 3.
(1)
Software can modify all PINMUX0 and PINMUX1 bit fields from their defaults.
For proper device operation, external pullup/pulldown resistors may be required on these device boot and
configuration pins. For discussion situations where external pullup/pulldown resistors are required, see
Section 3.9.1, Pullup/Pulldown Resistors.
Note: All DM6435 configuration inputs (BOOTMODE[3:0], FASTBOOT, AEAW[2:0]/PLLMS[2:0] and
AEM[2:0]) are multiplexed with other functional pins. These pins function as device boot and configuration
pins only during device reset. The user must take care of any potential data contention in the system. To
help avoid system data contention, the DM6435 puts these configuration pins into a high-impedance state
(Hi-Z) when device reset (RESET or POR) is asserted, and continues to hold them in a high-impedance
state until the internal global reset is removed; at which point, the default peripheral (either GPIO or
EMIFA based on default of AEM[2:0]) will now control these pins.
All of the device boot and configuration pin settings are captured in the corresponding bit fields in the
BOOTCFG register (see Section 3.4.2.1).
Device Configuration
82
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com