Electronic Components Datasheet Search
  English  ▼

X  

2907186 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2907186
Description  VIP/S/MC/BASE 1-8/L/C/EX - Base module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2907186 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2907186 Datasheet HTML 1Page - PHOENIX CONTACT 2907186 Datasheet HTML 2Page - PHOENIX CONTACT 2907186 Datasheet HTML 3Page - PHOENIX CONTACT 2907186 Datasheet HTML 4Page - PHOENIX CONTACT 2907186 Datasheet HTML 5Page - PHOENIX CONTACT 2907186 Datasheet HTML 6Page - PHOENIX CONTACT 2907186 Datasheet HTML 7Page - PHOENIX CONTACT 2907186 Datasheet HTML 8Page - PHOENIX CONTACT 2907186 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Dimensions
Item dimensions
Width
118.1 mm
Height
102.7 mm
Depth
72.2 mm
Material specifications
Color
gray (RAL 7042)
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
-40 °C ... 75 °C
Ambient temperature (storage/transport)
-40 °C ... 75 °C
Permissible humidity (operation)
0 % ... 95 % (non-condensing)
Approvals
ATEX
Ex II 3G
Ex nA ic IIC T4 Gc
Ex II 3G Ex nA ic IIC T4 Gc
Ex II 3(3)G Ex nA [ic] IIC T4 Gc
Identification
Ex II (3)D [Ex ic Dc] IIIC
Certificate
Sira 16ATEX4260X
IECEx
Ex nA IIC T4 Gc
Ex nA ic IIC T4 Gc
Ex nA [ic] IIC T4 Gc
[Ex ic Dc] IIIC
Ex nA [ia Ga] IIC T4 Gc
Identification
[Ex ia Da] IIIC
Certificate
IECEx SIR 16.0088X
FM
FM 3600
FM 3611
FM 3810
Class I, Zone 2, AEx nA ic IIC T4 Gc
AEx nA IIC T4 Gc
Nonincendive: Class I, Div. 2, Groups A, B, C, D T4
Identification
With connection to Class I, II, and III, Div. 2, Groups A, B, C, D,
E, F, G
VIP/S/MC/BASE 1-8/L/C/EX - Base module
2907186
https://www.phoenixcontact.com/us/products/2907186
Mar 21, 2025, 12:32 AM
Page 3 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com