Electronic Components Datasheet Search
  English  ▼

X  

2907186 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2907186
Description  VIP/S/MC/BASE 1-8/L/C/EX - Base module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2907186 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2907186 Datasheet HTML 1Page - PHOENIX CONTACT 2907186 Datasheet HTML 2Page - PHOENIX CONTACT 2907186 Datasheet HTML 3Page - PHOENIX CONTACT 2907186 Datasheet HTML 4Page - PHOENIX CONTACT 2907186 Datasheet HTML 5Page - PHOENIX CONTACT 2907186 Datasheet HTML 6Page - PHOENIX CONTACT 2907186 Datasheet HTML 7Page - PHOENIX CONTACT 2907186 Datasheet HTML 8Page - PHOENIX CONTACT 2907186 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Technical data
Product properties
Product type
Module carrier
Product family
VIP I/O-Marshalling
No. of channels
8
Electrical properties
30 V DC (P2 and field terminals)
230 V AC (P2 and field terminals)
30 V DC (P1 terminals)
Max. operating voltage Umax
30 V (X30 and X31 connectors)
Max. permissible current
15 A (P1 or P2 terminals)
Max. permissible total current
15 A (per module)
3 A (field signal)
Max. current carrying capacity per branch
1 A (control contacts)
Connection data
Field level
Connection in acc. with standard
IEC / EN 
Connection method
Screw connection
Stripping length
8 mm
Screw thread
M 3
Conductor cross section rigid
0.2 mm² ... 4 mm²
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section AWG
24 ... 12
Tightening torque
0.5 Nm ... 0.6 Nm
Controller level
Connection method
Pluggable screw connection
Number of connections
2
Number of positions
9
Ex data
Safety data
Input voltage Ui
30 V (per channel)
Input current Ii
1 A (per channel)
Inductance Li
0 mH
Capacitance Ci
0 µF
Signaling
Status display
no
Status display present
no
VIP/S/MC/BASE 1-8/L/C/EX - Base module
2907186
https://www.phoenixcontact.com/us/products/2907186
Mar 21, 2025, 12:32 AM
Page 2 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com