Electronic Components Datasheet Search
  English  ▼

X  

2907186 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2907186
Description  VIP/S/MC/BASE 1-8/L/C/EX - Base module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2907186 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2907186 Datasheet HTML 1Page - PHOENIX CONTACT 2907186 Datasheet HTML 2Page - PHOENIX CONTACT 2907186 Datasheet HTML 3Page - PHOENIX CONTACT 2907186 Datasheet HTML 4Page - PHOENIX CONTACT 2907186 Datasheet HTML 5Page - PHOENIX CONTACT 2907186 Datasheet HTML 6Page - PHOENIX CONTACT 2907186 Datasheet HTML 7Page - PHOENIX CONTACT 2907186 Datasheet HTML 8Page - PHOENIX CONTACT 2907186 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
8-channel VIP I/O marshalling base element for universal use. All connections as screw
connection technology. With the COMBICON connector, compatible with the Honeywell C300
and RUSIO series. Marking for channels 1–8 and painting.
Your advantages
Integrated carrier for IOA insertion and retention
•
Screw-clamp field connections
•
Conformal coating of PCB
•
Two isolated power bus options
•
Channels for marking accessories
•
Integrated DIN rail ground foot
•
Rugged metal DIN rail foot for ease of installation or removal from the rail
•
Each channel has four connections (A, B, C, D) and multiple shield options
•
Terminals for discrete wiring or cable connection
•
Commercial data
Item number
2907186
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
C480
Product key
DK115A
Catalog page
Page 553 (C-5-2017)
GTIN
4055626239392
Weight per piece (including packing)
443.6 g
Weight per piece (excluding packing)
443.6 g
Customs tariff number
85366990
Country of origin
US
VIP/S/MC/BASE 1-8/L/C/EX - Base module
2907186
https://www.phoenixcontact.com/us/products/2907186
Mar 21, 2025, 12:32 AM
Page 1 (9)


Similar Part No. - 2907186

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907187 PHOENIX-2907187 Datasheet
432Kb / 9P
VIP/S/MC/BASE 9-16/L/C/EX - Base module
2907188 PHOENIX-2907188 Datasheet
51Kb / 2P
Fuse set - FUSE/TE5/160MA/F-10PCS
09/12/2020
More results

Similar Description - 2907186

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1459 CML-CM1459 Datasheet
22Kb / 1P
S-8 Single Contact Bayonet Base
CM1228 CML-CM1228 Datasheet
220Kb / 1P
S-8 Double Contact Bayonet Base
CM1584 CML-CM1584 Datasheet
218Kb / 1P
S-8 Double Contact Bayonet Base
logo
PHOENIX CONTACT
1843855 PHOENIX-1843855 Datasheet
181Kb / 7P
Base strip - MC 1,5/ 8-GF-3,5
1892961 PHOENIX-1892961 Datasheet
57Kb / 4P
Base strip - MC 1,5/ 8-GF-3,81 AU
1918861 PHOENIX-1918861 Datasheet
89Kb / 5P
Base strip - MC 1,5/ 8-GF-3,5 AU
1943810 PHOENIX-1943810 Datasheet
96Kb / 5P
Base strip - MC 1,5/ 8-G-3,81 THT-R56
1996728 PHOENIX-1996728 Datasheet
113Kb / 5P
Base strip - MC 1,5/ 8-G-3,5 THT-R56
logo
Pepperl+Fuchs Inc.
M-LB-EX-5000.SP PF-M-LB-EX-5000.SP Datasheet
1Mb / 3P
Base Module
M-LB-5000 PF-M-LB-5000 Datasheet
824Kb / 3P
Base Module
2022-01-15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com