Electronic Components Datasheet Search
  English  ▼

X  

TMP1941AF Datasheet(PDF) 58 Page - Toshiba Semiconductor

Part # TMP1941AF
Description  32-Bit TX System RISC
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP1941AF Datasheet(HTML) 58 Page - Toshiba Semiconductor

Back Button TMP1941AF Datasheet HTML 54Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 55Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 56Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 57Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 58Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 59Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 60Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 61Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 62Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 354 page
background image
TMP1941AF
2003-03-27
TMP1941AF-18
Example: Enabling the INT0 interrupt
IMCGA0.EMCG[01:00] = 10
CG block
IMCGA0.INT0EN = 1
(Set the INT0 sensitivity to the falling edge)
IMC0L.EIM[11:10] = 01
INTC block
IMC0L.IL[12:10] = 101
(Set the interrupt sensitivity to the high level, and the interrupt
priority level to 5.)
All interrupt sources other than those used for STOP/SLEEP wake-up signaling are controlled by the
INTC block.
5.2.4
Interrupt Request Clear Register
765
43210
EICRCG
Name


ICRCG2
ICRCG1
ICRCG0
(0xFFFF_EE20)
Read/Write


W
Reset Value


Function
Clear interrupt request
000: INT0
100: INT4
001: INT1
101: Reserved
010: INT2
110: Reserved
011: INT3
111: INTRTC
Note 1:
Clearing the INT0-INT4 and INTRTC interrupt requests, if programmed for STOP/SLEEP wake-
up signaling, requires two register settings: first, the EICRCG register in the CG block, and
then the INTCLR register in the INTC block. The clearing of other interrupt sources is
controlled through the INTCLR register alone.
Note 2:
In cases where INT0-INT4 are not used for STOP/SLEEP wake-up signaling, they are controlled
by the INTC block in the same way as other interrupt sources. INTRTC is controlled by both
the CG and INTC blocks, regardless of whether it is used for wake-up signaling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com