Electronic Components Datasheet Search
  English  ▼

X  

TMP1941AF Datasheet(PDF) 32 Page - Toshiba Semiconductor

Part # TMP1941AF
Description  32-Bit TX System RISC
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP1941AF Datasheet(HTML) 32 Page - Toshiba Semiconductor

Back Button TMP1941AF Datasheet HTML 28Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 29Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 30Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 31Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 32Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 33Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 34Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 35Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 36Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 354 page
background image
3 General Safety Precautions and Usage Considerations
20
3.5.5
No cleaning
If analog devices or high-speed devices are used without being cleaned, flux residues may cause
minute amounts of leakage between pins. Similarly, dew condensation, which occurs in
environments containing residual chlorine when power to the device is on, may cause between-
lead leakage or migration. Therefore, Toshiba recommends that these devices be cleaned.
However, if the flux used contains only a small amount of halogen (0.05W% or less), the devices
may be used without cleaning without any problems.
3.5.6
Mounting tape carrier packages (TCPs)
(1) When tape carrier packages (TCPs) are mounted, measures must be taken to prevent
electrostatic breakdown of the devices.
(2) If devices are being picked up from tape, or outer lead bonding (OLB) mounting is being
carried out, consult the manufacturer of the insertion machine which is being used, in order
to establish the optimum mounting conditions in advance and to avoid any possible hazards.
(3) The base film, which is made of polyimide, is hard and thin. Be careful not to cut or scratch
your hands or any objects while handling the tape.
(4) When punching tape, try not to scatter broken pieces of tape too much.
(5) Treat the extra film, reels and spacers left after punching as industrial waste, taking care
not to destroy or pollute the environment.
(6) Chips housed in tape carrier packages (TCPs) are bare chips and therefore have their reverse
side exposed. To ensure that the chip will not be cracked during mounting, ensure that no
mechanical shock is applied to the reverse side of the chip. Electrical contact may also cause
a chip to fail. Therefore, when mounting devices, make sure that nothing comes into
electrical contact with the reverse side of the chip.
If your design requires connecting the reverse side of the chip to the circuit board, please
consult Toshiba or a Toshiba distributor beforehand.
3.5.7
Mounting chips
Devices delivered in chip form tend to degrade or break under external forces much more easily
than plastic-packaged devices. Therefore, caution is required when handling this type of device.
(1) Mount devices in a properly prepared environment so that chip surfaces will not be exposed
to polluted ambient air or other polluted substances.
(2) When handling chips, be careful not to expose them to static electricity.
In particular, measures must be taken to prevent static damage during the mounting of
chips. With this in mind, Toshiba recommend mounting all peripheral parts first and then
mounting chips last (after all other components have been mounted).
(3) Make sure that PCBs (or any other kind of circuit board) on which chips are being mounted
do not have any chemical residues on them (such as the chemicals which were used for
etching the PCBs).
(4) When mounting chips on a board, use the method of assembly that is most suitable for
maintaining the appropriate electrical, thermal and mechanical properties of the
semiconductor devices used.
* For details of devices in chip form, refer to the relevant device’s individual datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com