Electronic Components Datasheet Search
  English  ▼

X  

TMP1941AF Datasheet(PDF) 74 Page - Toshiba Semiconductor

Part # TMP1941AF
Description  32-Bit TX System RISC
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP1941AF Datasheet(HTML) 74 Page - Toshiba Semiconductor

Back Button TMP1941AF Datasheet HTML 70Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 71Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 72Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 73Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 74Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 75Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 76Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 77Page - Toshiba Semiconductor TMP1941AF Datasheet HTML 78Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 354 page
background image
TMP1941AF
2003-03-27
TMP1941AF-34
6.5
Register Description
Table 6.2 INTC Register Map
Address
Symbol
Register Name
Corresponding
Interrupt Number
0xFFFF_E060
INTCLR
Interrupt Request Clear Register
All (63
− 0)
0xFFFF_E040
IVR
Interrupt Vector Register
All (63
− 0)
0xFFFF_E03C
IMCF
Interrupt Mode Control Register F
63
− 60
0xFFFF_E038
IMCE
Interrupt Mode Control Register E
59
− 56
0xFFFF_E034
IMCD
Interrupt Mode Control Register D
55
− 52
0xFFFF_E030
IMCC
Interrupt Mode Control Register C
51
− 48
0xFFFF_E02C
IMCB
Interrupt Mode Control Register B
47
− 44
0xFFFF_E028
IMCA
Interrupt Mode Control Register A
43
− 40
0xFFFF_E024
IMC9
Interrupt Mode Control Register 9
39
− 36
0xFFFF_E020
IMC8
Interrupt Mode Control Register 8
35
− 32
0xFFFF_E01C
IMC7
Interrupt Mode Control Register 7
31
− 28
0xFFFF_E018
IMC6
Interrupt Mode Control Register 6
27
− 24
0xFFFF_E014
IMC5
Interrupt Mode Control Register 5
23
− 20
0xFFFF_E010
IMC4
Interrupt Mode Control Register 4
19
− 16
0xFFFF_E00C
IMC3
Interrupt Mode Control Register 3
15
− 12
0xFFFF_E008
IMC2
Interrupt Mode Control Register 2
11
− 8
0xFFFF_E004
IMC1
Interrupt Mode Control Register 1
7
− 4
0xFFFF_E000
IMC0
Interrupt Mode Control Register 0
3
− 0
6.5.1
Interrupt Vector Register (IVR)
This register indicates the vector for the interrupt source when there is an interrupt event.
765432
10
IVR
Name
IVRL


(0xFFFF_E040)
Read/Write
R
Reset Value
000000
00
Function
Interrupt vector for the source of the current
interrupt
15
14
13
12
11
10
9
8
Name
IVRH
IVRL
Read/Write
R/W
R
Reset Value
000000
00
Function
Interrupt vector for the
source of the current
interrupt
23
22
21
20
19
18
17
16
Name
IVRM
Read/Write
R/W
Reset Value
000000
00
Function
31
30
29
28
27
26
25
24
Name
IVRM
Read/Write
R/W
Reset Value
000000
00
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com