Electronic Components Datasheet Search
  English  ▼

X  

TORX147PL Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TORX147PL
Description  FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO INTERFACE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TORX147PL Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TORX147PL Datasheet HTML 1Page - Toshiba Semiconductor TORX147PL Datasheet HTML 2Page - Toshiba Semiconductor TORX147PL Datasheet HTML 3Page - Toshiba Semiconductor TORX147PL Datasheet HTML 4Page - Toshiba Semiconductor TORX147PL Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TORX147PL(F,T)
2006-12-28
1
FIBER OPTIC RECEIVING MODULE
TORX147PL(F,T)
FIBER OPTIC RECEIVING MODULE
FOR DIGITAL AUDIO INTERFACE
For JEITA Standard CP−1212
(Digital Audio Optical Interface
for Consumer Equipment).
Mini-package with Shutter System
RoHS Compatible
1. Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Storage Temperature
Tstg
−40 to 70
°C
Operating Temperature
Topr
−20 to 70
°C
Supply Voltage
VCC
−0.5 to 4.5
V
High Level Output Current
IOH
−2
mA
Low Level Output Current
IOL
2
mA
Soldering Temperature
Tsol
260 (Note 1)
°C
Note 1: Soldering time ≤ 10 seconds (At a distance of 1 mm from the package).
2. Operating Range
Characteristics
Symbol
Min
Typ.
Max
Unit
Supply Voltage
VCC
2.7
3.0
3.6
V
Unit: mm
Shutter Color:Black
Pin Connection
1. Output
2. GND
3. Vcc
4. N.C.
5. N.C.
1
2
3
45


Similar Part No. - TORX147PL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TORX141P TOSHIBA-TORX141P Datasheet
149Kb / 5P
FIBER OPTIC RECEIVING MODULE
TORX141PL TOSHIBA-TORX141PL Datasheet
1Mb / 20P
Fiber-Optic Devices Toslink
More results

Similar Description - TORX147PL

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KFO-RX16CA KODENSHI-KFO-RX16CA Datasheet
197Kb / 1P
Fiber Optic Receiving Module
KFO-RX16CB KODENSHI-KFO-RX16CB Datasheet
199Kb / 1P
Fiber Optic Receiving Module
logo
Toshiba Semiconductor
TORX176 TOSHIBA-TORX176 Datasheet
136Kb / 7P
FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO EQUIPMENT
TORX141P TOSHIBA-TORX141P Datasheet
149Kb / 5P
FIBER OPTIC RECEIVING MODULE
TORX179 TOSHIBA-TORX179 Datasheet
113Kb / 5P
FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO INTERFACE
26-Jul-2001
TORX193 TOSHIBA-TORX193 Datasheet
148Kb / 8P
FIBER OPTIC RECEIVING MODULE
10-Aug-2001
TORX177 TOSHIBA-TORX177 Datasheet
259Kb / 5P
FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO INTERFACE
TORX177L TOSHIBA-TORX177L Datasheet
332Kb / 6P
FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO INTERFACE
TORX177PL TOSHIBA-TORX177PL Datasheet
226Kb / 5P
FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO INTERFACE
TORX173F TOSHIBA-TORX173F Datasheet
137Kb / 7P
FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO EQUIPMENT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com