Electronic Components Datasheet Search
  English  ▼

X  

TORX147PL Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TORX147PL
Description  FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO INTERFACE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TORX147PL Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TORX147PL Datasheet HTML 1Page - Toshiba Semiconductor TORX147PL Datasheet HTML 2Page - Toshiba Semiconductor TORX147PL Datasheet HTML 3Page - Toshiba Semiconductor TORX147PL Datasheet HTML 4Page - Toshiba Semiconductor TORX147PL Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TORX147PL(F,T)
2006-12-28
2
3. Electrical and Optical Characteristics (Ta = 25°C, VCC = 3 V)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Data Rate
NRZ code
(Note 2)
0.1
---
15
Mb / s
Transmission Distance
Using APF (Note 3), Using TOTX147PL(F,T)
0.2
---
5
m
Pulse Width Distortion
(Note 4)
⊿
t w
Pulse Width = 67 ns
Pulse Cycle = 134 ns
CL = 10 pF
Using TOTX147PL(F,T)
−15
---
15
ns
Maximum Receivable
Power
(Note 5)
PMAX
15 Mb / s, Using APF
−14.5
---
---
dBm
Minimum Receivable
Power
(Note 5)
PMIN
15 Mb / s, Using APF
---
---
−24
dBm
Current Consumption
ICC
---
10
15
mA
High Level Output Voltage
VOH
2.1
2.5
---
V
Low Level Output Voltage
VOL
---
0.2
0.4
V
Note 2: 7.5Mb/s (max.) Biphase marked signal.
When modulated optical high level signal is received, output signal is high.
When modulated optical low level signal is received, output signal is low.
When non−modulated signal (optical all high or all low level signal) is inputted, output signal is not stable.
Note 3: All Plastic Fiber (980 / 1000 μm).
Note 4: Between input of TOTX147PL(F,T) and output of TORX147PL(F,T).
Note 5: BER ≤ 10
−9
, peak value.
4. Mechanical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Insertion Force
(Note 6)
Initial value
---
---
39.2
N
Withdrawal Force
(Note 6)
Initial value
5.9
---
39.2
N
Note 6: Square type connector : EIAJ RC-5720B
5. Application Circuit
6. Required Optical Fiber with Fiber Optic Connectors
All Plastic Fiber with Square Type Connector ( EIAJ RC-5720B )
Fiber optic
receiving
module
④
③
②
①
47μH
Output
Vcc
GND
(Bottom View)
⑤
Fiber optic connector insertion side
0.1μF
Less than 7mm
Soldered to
PC board
Soldered to
PC board



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com