Electronic Components Datasheet Search
  English  ▼

X  

AX3102 Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX3102
Description  PWM Control 3A Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3102 Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX3102 Datasheet HTML 1Page - AXElite technology co. ltd AX3102 Datasheet HTML 2Page - AXElite technology co. ltd AX3102 Datasheet HTML 3Page - AXElite technology co. ltd AX3102 Datasheet HTML 4Page - AXElite technology co. ltd AX3102 Datasheet HTML 5Page - AXElite technology co. ltd AX3102 Datasheet HTML 6Page - AXElite technology co. ltd AX3102 Datasheet HTML 7Page - AXElite technology co. ltd AX3102 Datasheet HTML 8Page - AXElite technology co. ltd AX3102 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.1 Oct.08, 2019
AX3102
Example:
ISW = (0.13uA x 1.3k + 0.095)/ 0.055=4.8A
ISW = (0.13x 1.3 + 0.095)/ 0.055= 4.8A
Setting the Output Voltage
Application circuit item shows the basic application circuit with AX3102 adjustable
output version. The external resistor sets the output voltage according to the following
equation:
 
2
1
1
8
.
0
R
R
V
V
OUT
Table 1 Resistor select for output voltage setting
VOUT
R2
R1
5V
1.3K
6.8K
5.6K
30K
3.3V
1.5K
4.7K
5.6K
18K
2.5V
2.2K
4.7K
5.6K
12K
1.8V
2K
2.5K
1.5V
2.2K
2.0K
1.2V
3K
1.5K
1.0V
3K
0.75K
R2 setting 5.6k that System Operation Current (No load) can be reduce to under 4mA.
C2
470uF
C3
0.1uF
C4
470uF
1
2
L1
22uH
R1
30K
R2
5.6K
VIN>+9V
ON/OFF
C1
1nF
VOUT = 5V/3A
R3
1.3K
R4
100K
D1
B340
C8
0.1uF
FB
1
EN
2
OCSET
3
VCC
4
SW
5
SW
6
VSS
7
VSS
8
AX3102



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com