Electronic Components Datasheet Search
  English  ▼

X  

AX3102 Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX3102
Description  PWM Control 3A Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3102 Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX3102 Datasheet HTML 1Page - AXElite technology co. ltd AX3102 Datasheet HTML 2Page - AXElite technology co. ltd AX3102 Datasheet HTML 3Page - AXElite technology co. ltd AX3102 Datasheet HTML 4Page - AXElite technology co. ltd AX3102 Datasheet HTML 5Page - AXElite technology co. ltd AX3102 Datasheet HTML 6Page - AXElite technology co. ltd AX3102 Datasheet HTML 7Page - AXElite technology co. ltd AX3102 Datasheet HTML 8Page - AXElite technology co. ltd AX3102 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.1 Oct.08, 2019
AX3102
PWM Control 3A Step-Down Converter
GENERAL DESCRIPTION
AX3102 consists of step-down switching regulator with PWM control. These devise
include a reference voltage source, oscillation circuit, error amplifier, internal PMOS and
etc.
AX3102 provides low-ripple power, high efficiency, and excellent transient
characteristics. The PWM control circuit is able to very the duty ratio linearly form 0 up to
100%. This converter also contains an error amplifier circuit as well as a soft-start circuit
that prevents overshoot at startup. An enable function, an over current protect function and
short circuit protect function are built inside, and when OCP or SCP happens, the operation
frequency will be reduced. Also, an internal compensation block is built in to minimum
external component count.
With the addition of an internal P-channel Power MOS, a coil, capacitors, and a diode
connected externally, these ICs can function as step-down switching regulators. They serve
as ideal power supply units for portable devices when coupled with the SOP-8L package,
providing such outstanding features as low current consumption. Since this converter can
accommodate an input voltage up to 23V, it is also suitable for the operation via an AC
adapter.
FEATURES
-
Input voltage:3.6V to 23V
-
Output voltage:0.8V to VCC
-
Duty ratio:0% to 100% PWM control
-
Oscillation frequency:330KHz typ.
-
Soft-Start (SS), Current Limit (CL), Enable function.
-
Thermal Shutdown function.
-
Short Circuit Protect (SCP).
-
Built-in internal SW P-channel MOS.
-
SOP-8L Pb-Free package.
-
RoHS and Halogen free compliance.


Similar Part No. - AX3102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX31002 ETC-AX31002 Datasheet
169Kb / 5P
Bipolar Tone Ringer IC
logo
AXElite technology co. ...
AX3101 AXELITE-AX3101 Datasheet
528Kb / 9P
PWM Control 2A Step-Down Converter
Rev.1.9 Aug.05, 2010
AX3101 AXELITE-AX3101 Datasheet
754Kb / 11P
PWM Control 2A Step Down Converter
Rev.2.0 Oct.08, 2019
AX3101S AXELITE-AX3101S Datasheet
754Kb / 11P
PWM Control 2A Step Down Converter
Rev.2.0 Oct.08, 2019
AX3101SA AXELITE-AX3101SA Datasheet
754Kb / 11P
PWM Control 2A Step Down Converter
Rev.2.0 Oct.08, 2019
More results

Similar Description - AX3102

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
PWM Control 3A Step-Down Converter
Rev. 1. 3 May 09, 2006
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
Rev 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com