Electronic Components Datasheet Search
  English  ▼

X  

AX3102 Datasheet(PDF) 7 Page - AXElite technology co. ltd

Part # AX3102
Description  PWM Control 3A Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3102 Datasheet(HTML) 7 Page - AXElite technology co. ltd

Back Button AX3102 Datasheet HTML 2Page - AXElite technology co. ltd AX3102 Datasheet HTML 3Page - AXElite technology co. ltd AX3102 Datasheet HTML 4Page - AXElite technology co. ltd AX3102 Datasheet HTML 5Page - AXElite technology co. ltd AX3102 Datasheet HTML 6Page - AXElite technology co. ltd AX3102 Datasheet HTML 7Page - AXElite technology co. ltd AX3102 Datasheet HTML 8Page - AXElite technology co. ltd AX3102 Datasheet HTML 9Page - AXElite technology co. ltd AX3102 Datasheet HTML 10Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.1 Oct.08, 2019
AX3102
TYPICAL CHARACTERISTICS
VFB VS VIN
ICCQ VS VIN
VFB VS VIN
0.780
0.785
0.790
0.795
0.800
0.805
0.810
0.815
0.820
3
5
7
9
11 13
15 17
19 21
23 25
Vin(V)
ICCq VS VIN
0.0
1.0
2.0
3.0
4.0
5.0
6.0
3
5
7
9
11
13
15
17
19
21
23
25
Vin(V)
FOSC VS VIN
FOSC VS TEMPERATURE
FOSC VS VIN
280.0
290.0
300.0
310.0
320.0
330.0
340.0
350.0
360.0
370.0
380.0
3
5
7
9
11
13
15
17
19
21
23
25
Vin(V)
Fosc vs Temperature
280.0
290.0
300.0
310.0
320.0
330.0
340.0
350.0
360.0
-20
0
20
40
60
80
100
120
Temp (℃)
VFB VS TEMPERATURE
ICCQ VS TEMPERATURE
VFB vs temperature
0.780
0.785
0.790
0.795
0.800
0.805
0.810
0.815
0.820
-20
0
20
40
60
80
100
120
Temp (℃)
Iccq vs Temperature
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-20
0
20
40
60
80
100
120
Temp (℃)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com