Electronic Components Datasheet Search
  English  ▼

X  

KB3361 Datasheet(PDF) 4 Page - Kingbor Technology Co

Part # KB3361
Description  1.4MHz 800mA High Efficiency Synchronous Step-Down Regulator in SOT23-5
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3361 Datasheet(HTML) 4 Page - Kingbor Technology Co

  KB3361 Datasheet HTML 1Page - Kingbor Technology Co KB3361 Datasheet HTML 2Page - Kingbor Technology Co KB3361 Datasheet HTML 3Page - Kingbor Technology Co KB3361 Datasheet HTML 4Page - Kingbor Technology Co KB3361 Datasheet HTML 5Page - Kingbor Technology Co KB3361 Datasheet HTML 6Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KB3361
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
(From Figure 1a Except for the Resistive Divider Resistor Values)
RUN (Pin 1): Run Control Input. Forcing this pin above
1.5V enables the part. Forcing this pin below 0.6V shuts
down the device. In shutdown, all functions are disabled
drawing <1
µA supply current. Do not leave RUN floating.
GND (Pin 2): Ground Pin.
SW (Pin 3): Switch Node Connection to Inductor. This pin
connects to the drains of the internal main and synchro-
nous power MOSFET switches.
VIN (Pin 4): Main Supply Pin. Must be closely decoupled
to GND, Pin 2, with a 4.7
µF or greater Tan capacitor.
VFB (Pin 5) (kB3361): Feedback Pin. Receives the feed-
back voltage from an external resistive divider across the
output.
TYPICAL PERFORMANCE CHARACTERISTICS
PIN FUNCTIONS
P-Channel R
DS(ON) vs. Input Voltage
Input Voltage (V)
300
350
400
450
500
550
600
650
700
750
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
25°C
120°C
100°C
85°C
Output Ripple
(VIN = 3.6V; VOUT = 1.8V; IOUT = 1mA)
Time (10µs/div)
-120
-100
-80
-60
-40
-20
0
20
40
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0.30
Output Ripple
(VIN = 3.6V; VOUT = 1.8V; IOUT = 800mA)
Time (500ns/div)
-60
-50
-40
-30
-20
-10
0
10
20
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
Line Response
(VOUT = 1.8V @ 800mA)
Time (50µs/div)
1.66
1.68
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
2.6
3.1
3.6
4.1
4.6
5.1
5.6
6.1
6.6
7.1
7.6
No Load Quiescent Current vs. Input Voltage
Input Voltage (V)
60
65
70
75
80
85
90
95
100
2.5
3.1
3.5
3.9
4.3
4.7
5.1
6.5
85°C
25°C
-40°C
N-Channel R
DS(ON) vs. Input Voltage
Input Voltage (V)
300
350
400
450
500
550
600
650
700
750
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
25°C
120°C
100°C
85°C
2007-Aug, Rev 1.0
4
kB3361



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com