Electronic Components Datasheet Search
  English  ▼

X  

KB3361 Datasheet(PDF) 1 Page - Kingbor Technology Co

Part # KB3361
Description  1.4MHz 800mA High Efficiency Synchronous Step-Down Regulator in SOT23-5
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3361 Datasheet(HTML) 1 Page - Kingbor Technology Co

  KB3361 Datasheet HTML 1Page - Kingbor Technology Co KB3361 Datasheet HTML 2Page - Kingbor Technology Co KB3361 Datasheet HTML 3Page - Kingbor Technology Co KB3361 Datasheet HTML 4Page - Kingbor Technology Co KB3361 Datasheet HTML 5Page - Kingbor Technology Co KB3361 Datasheet HTML 6Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KB3361
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
■
High Efficiency: Up to 97%
■
75 A No Load Quiescent Current
µ
■
800mA Output Current
■
2.5V to 6.5V Input Voltage Range
■
1.4MHz Switching Frequency
■
No Schottky Diode Required
■
Low Dropout Operation: 100% Duty Cycle
■
0.6V Reference Allows Low Output Voltages
■
Shutdown Mode Draws 1
µA Supply Current
■
Current Mode Operation for Excellent Line and
Load Transient Response
■
Overtemperature Protected
■
Low Profile (1.3mm) SOT23-5 Package
■
Cellular Telephones
■ Personal Information Appliances
■ Wireless and DSL Modems
■ Digital Still Cameras
■ MP3 Players
■ Portable Instruments
Figure 1a. High Efficiency Step-Down Converter
Figure 1b. Efficiency vs Load Current
OUTPUT CURRENT (mA)
APPLICATIONS
FEATURES
DESCRIPTION
TYPICAL APPLICATION
VIN
CIN
10
µF
VIN
3.6V
KB3361
RUN
3
4.7
µH
22pF
450k
100k
5
4
1
2
SW
VFB
GND
COUT
10
µF
CER
VOUT
3.3V
800mA
+
to 6.5V
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 4.2V
VIN = 5.0V
VIN = 3.6V
The KB3361 SwitchReg is a member of
Kingbor(KB) product family. It is a 1.4MHz step-
down converter with an input voltage range of 2.5V
to 6.5V and output as low as 0.6V. Its low supply
current, small size, and high switching frequency
make the KB3361 the ideal choice for portable
applications.
The KB3361 is available in either a programmable
version with external feedback resistors. It can
deliver up to 800mA of load current while maintai-
ning a low 27µA no load quiescent current. The 1.4MHz
of external components while keeping switching
losses low.The KB3361 feedback and control
delivers excel lent load regulation and transient
response with a small output inductor and capacitor.
The KB3361 is designed to maintain high efficien-
cy throughout the operating range and provides
fast turn-on time.
The KB3361 is available in a low profile
(1.3mm) SOT23-5 package and is rated over the
-40°C to +85°C temperature range.
75
1.4MHz 800mA
High Efficiency Synchronous Step-Down
Regulator in SOT23-5
The 1.4MHz switching frequency minimizes the size
2007-Aug, Rev 1.0
1
kB3361


Similar Part No. - KB3361

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3301 KINGBOR-KB3301 Datasheet
97Kb / 5P
Step-up DC/DC converter
KB3301MR KINGBOR-KB3301MR Datasheet
97Kb / 5P
Step-up DC/DC converter
KB3301PR KINGBOR-KB3301PR Datasheet
97Kb / 5P
Step-up DC/DC converter
KB3302 KINGBOR-KB3302 Datasheet
248Kb / 17P
2Amp, 2MHz Step-up Switching regulator with Soft-Start
KB3302DD KINGBOR-KB3302DD Datasheet
248Kb / 17P
2Amp, 2MHz Step-up Switching regulator with Soft-Start
More results

Similar Description - KB3361

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3404 LINER-LTC3404 Datasheet
241Kb / 16P
1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
logo
Kingbor Technology Co
KB3408 KINGBOR-KB3408 Datasheet
109Kb / 6P
1.5MHz,350mA Synchronous Step-Down Regulator in SOT23-5
KB3426 KINGBOR-KB3426 Datasheet
199Kb / 16P
1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
logo
Semtech Corporation
SC4626 SEMTECH-SC4626 Datasheet
1Mb / 21P
2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
logo
ELM Technology Corporat...
ELM600LA ELM-TECH-ELM600LA Datasheet
2Mb / 10P
ELM600LA 800mA 1.4MHz high efficiency synchronous PWM step down DC/DC converter
logo
Linear Technology
LTC3404IMS8 LINER-LTC3404IMS8 Datasheet
198Kb / 16P
1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
logo
Semtech Corporation
SC4626CSKTRT SEMTECH-SC4626CSKTRT Datasheet
1,018Kb / 22P
2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
logo
Linear Technology
LTC3404 LINER-LTC3404_15 Datasheet
215Kb / 16P
1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
logo
ETA SOLUTIONS CO. LIMIT...
ETA2359 ETA-ETA2359 Datasheet
196Kb / 1P
1.4MHz, 1.2A, 24V High Efficiency Step-Down Converter in SOT23-6
ETA2360 ETA-ETA2360 Datasheet
133Kb / 1P
1.4MHz, 0.3A, 24V High Efficiency Step-Down Converter in SOT23-6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com