Electronic Components Datasheet Search
  English  ▼

X  

KB3361 Datasheet(PDF) 3 Page - Kingbor Technology Co

Part # KB3361
Description  1.4MHz 800mA High Efficiency Synchronous Step-Down Regulator in SOT23-5
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3361 Datasheet(HTML) 3 Page - Kingbor Technology Co

  KB3361 Datasheet HTML 1Page - Kingbor Technology Co KB3361 Datasheet HTML 2Page - Kingbor Technology Co KB3361 Datasheet HTML 3Page - Kingbor Technology Co KB3361 Datasheet HTML 4Page - Kingbor Technology Co KB3361 Datasheet HTML 5Page - Kingbor Technology Co KB3361 Datasheet HTML 6Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KB3361
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
(From Figure1a Except for the Resistive Divider Resistor Values)
TYPICAL PERFORMANCE CHARACTERISTICS
DC Regulation
(VOUT = 3.3V; L = 6.8µH)
Output Current (mA)
-1.0
-0.5
0.0
0.5
1.0
0.1
1
10
100
1000
VIN = 4.2V
VIN = 5.0V
Efficiency vs. Load
(VOUT = 3.3V; L = 6.8µH)
Output Current (mA)
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 4.2V
VIN = 5.0V
VIN = 3.6V
DC Regulation
(VOUT = 2.5V)
Output Current (mA)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0.1
1
10
100
1000
VIN = 4.2V
VIN = 5.0V
VIN = 3.6V
VIN = 3.0V
Efficiency vs. Load
(VOUT = 2.5V; L = 6.8µH)
Output Current (mA)
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V VIN = 5.0V
DC Regulation
(VOUT = 1.8V)
Output Current (mA)
-1.0
-0.5
0.0
0.5
1.0
0.1
1
10
100
1000
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
Efficiency vs. Load
(VOUT = 1.8V; L = 4.7µH)
Output Current (mA)
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
4.7
4.7
4.7
2007-Aug, Rev 1.0
3
kB3361



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com