Electronic Components Datasheet Search
  English  ▼

X  

KB3426 Datasheet(PDF) 8 Page - Kingbor Technology Co

Part # KB3426
Description  1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3426 Datasheet(HTML) 8 Page - Kingbor Technology Co

Back Button KB3426 Datasheet HTML 4Page - Kingbor Technology Co KB3426 Datasheet HTML 5Page - Kingbor Technology Co KB3426 Datasheet HTML 6Page - Kingbor Technology Co KB3426 Datasheet HTML 7Page - Kingbor Technology Co KB3426 Datasheet HTML 8Page - Kingbor Technology Co KB3426 Datasheet HTML 9Page - Kingbor Technology Co KB3426 Datasheet HTML 10Page - Kingbor Technology Co KB3426 Datasheet HTML 11Page - Kingbor Technology Co KB3426 Datasheet HTML 12Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
The basic KB3426 application circuit is shown in Figure 1.
External component selection is driven by the load require-
ment and begins with the selection of L followed by CIN and
COUT.
Inductor Selection
For most applications, the value of the inductor will fall in
the range of 1
µH to 4.7µH. Its value is chosen based on the
desired ripple current. Large value inductors lower ripple
current and small value inductors result in higher ripple
currents. Higher VIN or VOUT also increases the ripple
current as shown in equation 1. A reasonable starting point
for setting ripple current is IL = 240mA (40% of 800mA).
= ()( )
I
fL
V
V
V
L
OUT
OUT
IN
1
1
(1)
The DC current rating of the inductor should be at least
equal to the maximum load current plus half the ripple
current to prevent core saturation. Thus, a 820mA rated
inductor should be enough for most applications (700mA
+ 120mA). For better efficiency, choose a low DC-resis-
tance inductor.
The inductor value also has an effect on Burst Mode
operation. The transition to low current operation begins
when the inductor current peaks fall to approximately
200mA. Lower inductor values (higher IL) will cause this
to occur at lower load currents, which can cause a dip in
efficiency in the upper range of low current operation. In
Burst Mode operation, lower inductance values will cause
the burst frequency to increase.
Inductor Core Selection
Different core materials and shapes will change the size/
current and price/current relationship of an inductor.
Toroid or shielded pot cores in ferrite or permalloy mate-
rials are small and don’t radiate much energy, but gener-
ally cost more than powdered iron core inductors with
similar electrical characteristics. The choice of which style
Table 1. Representative Surface Mount Inductors
PART
VALUE
DCR
MAX DC
SIZE
NUMBER
(
µH)
(
MAX)
CURRENT (A) W
× L × H (mm3)
Sumida
1.5
0.043
1.55
3.8
× 3.8 × 1.8
CDRH3D16
2.2
0.075
1.20
3.3
0.110
1.10
4.7
0.162
0.90
Sumida
2.2
0.116
0.950
3.5
× 4.3 × 0.8
CMD4D06
3.3
0.174
0.770
4.7
0.216
0.750
Panasonic
3.3
0.17
1.00
4.5
× 5.4 × 1.2
ELT5KT
4.7
0.20
0.95
Murata
1.0
0.060
1.00
2.5
× 3.2 × 2.0
LQH32CN
2.2
0.097
0.79
4.7
0.150
0.65
inductor to use often depends more on the price vs size
requirements and any radiated field/EMI requirements
than on what the KB3426 requires to operate. Table 1
shows some typical surface mount inductors that work
well in KB3426 applications.
CIN and COUT Selection
In continuous mode, the source current of the top MOSFET
is a square wave of duty cycle VOUT/VIN. To prevent large
voltage transients, a low ESR input capacitor sized for the
maximum RMS current must be used. The maximum
RMS capacitor current is given by:
CI
VV
V
V
IN
OMAX
OUT
IN
OUT
IN
required IRMS
()
[]12/
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst-case condition is com-
monly used for design because even significant deviations
do not offer much relief. Note that the capacitor
manufacturer’s ripple current ratings are often based on
2000 hours of life. This makes it advisable to further derate
the capacitor, or choose a capacitor rated at a higher
temperature than required. Always consult the manufac-
turer if there is any question.
KB3426
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com