Electronic Components Datasheet Search
  English  ▼

X  

KB3426 Datasheet(PDF) 1 Page - Kingbor Technology Co

Part # KB3426
Description  1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3426 Datasheet(HTML) 1 Page - Kingbor Technology Co

  KB3426 Datasheet HTML 1Page - Kingbor Technology Co KB3426 Datasheet HTML 2Page - Kingbor Technology Co KB3426 Datasheet HTML 3Page - Kingbor Technology Co KB3426 Datasheet HTML 4Page - Kingbor Technology Co KB3426 Datasheet HTML 5Page - Kingbor Technology Co KB3426 Datasheet HTML 6Page - Kingbor Technology Co KB3426 Datasheet HTML 7Page - Kingbor Technology Co KB3426 Datasheet HTML 8Page - Kingbor Technology Co KB3426 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
■
High Efficiency: Up to 96%
■
Very Low Quiescent Current: Only 20
µA
During Operation
■
800mA Output Current
■
2.5V to 6.5V Input Voltage Range
■
1.5MHz Constant Frequency Operation
■
No Schottky Diode Required
■
Low Dropout Operation: 100% Duty Cycle
■
0.6V Reference Allows Low Output Voltages
■
Shutdown Mode Draws 1
µA Supply Current
■
Current Mode Operation for Excellent Line and
Load Transient Response
■
Overtemperature Protected
■
Low Profile (1mm) SOT23-5 Package
The
KB3426 is a high efficiency monolithic synchro-
nous buck regulator using a constant frequency, current
mode architecture. The device is available in an adjustable
version and fixed output voltages of 1.8V and 3.3V. Supply
current during operation is only 20
µA and drops to 1µA
in shutdown. The 2.5V to 5.5V input voltage range makes
the KB3426 ideally suited for single Li-Ion battery-pow-
ered applications. 100% duty cycle provides low dropout
operation, extending battery life in portable systems.
Automatic Burst Mode operation increases efficiency at
light loads, further extending battery life.
Switching frequency is internally set at 1.5MHz, allowing
the use of small surface mount inductors and capacitors.
The internal synchronous switch increases efficiency and
eliminates the need for an external Schottky diode. Low
output voltages are easily supported with the 0.6V feed-
back reference voltage. The KB3426 is available in a low
profile (1mm) SOT23-5 package.
■
Cellular Telephones
■ Personal Information Appliances
■ Wireless and DSL Modems
■ Digital Still Cameras
■ MP3 Players
■ Portable Instruments
Figure 1a. High Efficiency Step-Down Converter
1.5MHz,
Synchronous Step-Down
Regulator in
Figure 1b. Efficiency vs Load Current
VIN
CIN
4.7
µF
Tan
VIN
3.6V
TO 6.5V
KB3426-3.3
RUN
3
4.7
µH
5
4
1
2
SW
VOUT
GND
COUT
10
µF
CER
VOUT
3.3V
800mA
OUTPUT CURRENT (mA)
70
80
90
95
0.1
10
100
1000
60
1
85
75
65
VIN = 3.6V
VOUT = 3.3V
VIN = 4.2V
VIN = 3.8V
KB3426
SOT23-5
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
APPLICATIONS
FEATURES
DESCRIPTION
TYPICAL APPLICATION
800mA
+


Similar Part No. - KB3426

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3429 KINGBOR-KB3429 Datasheet
154Kb / 5P
Synchronous Boost DC//DC Regullator
KB3429-AF KINGBOR-KB3429-AF Datasheet
154Kb / 5P
Synchronous Boost DC//DC Regullator
More results

Similar Description - KB3426

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3361 KINGBOR-KB3361 Datasheet
196Kb / 6P
1.4MHz 800mA High Efficiency Synchronous Step-Down Regulator in SOT23-5
KB3408 KINGBOR-KB3408 Datasheet
109Kb / 6P
1.5MHz,350mA Synchronous Step-Down Regulator in SOT23-5
logo
Eutech Microelectronics...
EUP3409 EUTECH-EUP3409 Datasheet
765Kb / 10P
Dual 1.5MHz, 800mA Synchronous Step-Down Converter
logo
Semtech Corporation
SC4626 SEMTECH-SC4626 Datasheet
1Mb / 21P
2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC4626CSKTRT SEMTECH-SC4626CSKTRT Datasheet
1,018Kb / 22P
2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC4626ASKTRT SEMTECH-SC4626ASKTRT Datasheet
1,018Kb / 22P
2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
logo
E-CMOS Corporation
EC3210 E-CMOS-EC3210 Datasheet
1Mb / 16P
1.5MHz, 800mA, Synchronous Step-Down Regulator Dropout
logo
TECHCODE SEMICONDUCTOR,...
TD6810 TECHCODE-TD6810 Datasheet
738Kb / 17P
1.5MHz 800mA Synchronous Step-Down Regulator Dropout
logo
ETA SOLUTIONS CO. LIMIT...
ETA3486 ETA-ETA3486 Datasheet
194Kb / 1P
1A, 1.5MHz Step-Down Converter in SOT23-5 Package
logo
List of Unclassifed Man...
SP6669EB ETC-SP6669EB Datasheet
286Kb / 6P
800mA 1.5MHz Synchronous Step-Down Converter
April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com