Electronic Components Datasheet Search
  English  ▼

X  

KB3426 Datasheet(PDF) 3 Page - Kingbor Technology Co

Part # KB3426
Description  1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3426 Datasheet(HTML) 3 Page - Kingbor Technology Co

  KB3426 Datasheet HTML 1Page - Kingbor Technology Co KB3426 Datasheet HTML 2Page - Kingbor Technology Co KB3426 Datasheet HTML 3Page - Kingbor Technology Co KB3426 Datasheet HTML 4Page - Kingbor Technology Co KB3426 Datasheet HTML 5Page - Kingbor Technology Co KB3426 Datasheet HTML 6Page - Kingbor Technology Co KB3426 Datasheet HTML 7Page - Kingbor Technology Co KB3426 Datasheet HTML 8Page - Kingbor Technology Co KB3426 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRUN
RUN Threshold
●
0.3
1
1.5
V
IRUN
RUN Leakage Current
●
±0.01
±1
µA
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 3.6V unless otherwise specified.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The KB3426E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
KB3426: T J = TA + (PD)(250°C/W)
Note 4: The KB3426 is tested in a proprietary test mode that connects
VFB to the output of the error amplifier.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
Efficiency vs Input Voltage
Efficiency vs Output Current
Efficiency vs Output Current
Efficiency vs Output Current
Reference Voltage vs
Temperature
Oscillator Frequency vs
Temperature
(From Figure1a Except for the Resistive Divider Resistor Values)
INPUT VOLTAGE (V)
2
50
55
65
70
75
100
85
3
4
60
90
95
80
5
6
IOUT = 650mA
VOUT = 1.8V
IOUT = 100mA
IOUT = 10mA
IOUT = 0.1mA
IOUT = 1mA
OUTPUT CURRENT (mA)
70
80
90
95
0.1
10
100
1000
60
1
85
75
65
VOUT = 1.2V
VIN = 2.7V
VIN = 4.2V
VIN = 3.6V
OUTPUT CURRENT (mA)
70
80
90
95
0.1
10
100
1000
60
1
85
75
65
VOUT = 1.5V
VIN = 2.7V
VIN = 4.2V
VIN = 3.6V
OUTPUT CURRENT (mA)
70
80
85
95
100
0.1
10
100
1000
60
1
90
75
65
VOUT = 2.5V
VIN = 2.7V
VIN = 4.2V
VIN = 3.6V
TEMPERATURE (
°C)
–50
0.614
0.609
0.604
0.599
0.594
0.589
0.584
25
75
–25
0
50
100
125
VIN = 3.6V
TEMPERATURE (
°C)
–50
1.70
1.65
1.60
1.55
1.50
1.45
1.40
1.35
1.30
25
75
–25
0
50
100
125
VIN = 3.6V
KB3426
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com