Electronic Components Datasheet Search
  English  ▼

X  

DFPAU-DP Datasheet(PDF) 4 Page - Digital Core Design

Part # DFPAU-DP
Description  Floating Point Arithmetic Coprocessor Double Precision
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DFPAU-DP Datasheet(HTML) 4 Page - Digital Core Design

  DFPAU-DP Datasheet HTML 1Page - Digital Core Design DFPAU-DP Datasheet HTML 2Page - Digital Core Design DFPAU-DP Datasheet HTML 3Page - Digital Core Design DFPAU-DP Datasheet HTML 4Page - Digital Core Design DFPAU-DP Datasheet HTML 5Page - Digital Core Design DFPAU-DP Datasheet HTML 6Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
Information about shifted-out bits are stored
for rounding process.
Control Coprocessor –
manages execution
of all instructions and internal operation re-
quired to execute particular function.
Interface –
makes interface between exter-
nal device and DFPAU-DP internal 32-bit
modules. It contains data, control and status
registers. It can be configured to work with 8-,
16- and 32-bit processors.
PERFORMANCE
The following table gives a survey about
the Core area and performance in the AL-
TERA® devices after Place & Route (all key
features have been included):
Device
Speed
grade
Logic Cells
Fmax
CYCLONE
-6
3660
79 MHz
CYCLONE-II
-6
3630
71 MHz
STRATIX
-5
3660
84 MHz
STRATIX-II
-3
2800
110 MHz
Core performance in ALTERA® devices
DFPAU-DP floating point instructions per-
formance has been compared to standard C
library functions delivered with every com-
mercial C compiler. Each program was exe-
cuted in the same system environments.
Number of clock periods were measured be-
tween input data loading into work registers
and output result storing after operation.
The results are placed in table below. Im-
provement has been computed as number of:
(NIOS-II CLK) divided by (NIOS-II+DFPAU-
DP CLK), required to execute particular in-
struction.
IEEE-754 FP Instruction
Improvement
Addition
12.0
Subtraction
11.7
Multiplication
10.6
Division
15.0
Square Root
21.5
Sine
11.8
Cosine
10.3
Tangent
10.1
Arcs Tangent
14.7
Average speed improvement:
13.1
More details are available in core docu-
mentation.
The following table gives a survey about
the 32-bit NIOS-II+DFPAU-DP performance
compared to 32-bit NIOS-II.
Device
Improvement
NIOS-II
1.0
NIOS-II+DFPAU (arithmetic)
14.1
NIOS-II+DFPAU (trigonometric)
11.7
NIOS-II+DFPAU (overall)
13.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com