| Electronic Components Datasheet Search |
|
DFPAU-DP Datasheet(PDF) 1 Page - Digital Core Design |
|
|
|||||||||||||||||||||||||||||
DFPAU-DP Datasheet(HTML) 1 Page - Digital Core Design |
|
1 / 6 page ![]() All trademarks mentioned in this document are trademarks of their respective owners. http://www.dcd.pl Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved. http://www.DigitalCoreDesign.com D DF FP PA AU U--D DP P ● ● ● ● Floating Point Arithmetic Coprocessor Double Precision ver 3.02 OVERVIEW DFPAU-DP is a Floating Point Arithmetic Co- processor, designed to assist CPU in per- forming the floating point arithmetic computa- tions. DFPAU-DP directly replaces C soft- ware functions, by equivalent, very fast hard- ware operations, which significantly acceler- ate system performance. It doesn’t require any programming, so it also doesn’t require any modifications made in the main software. Everything is done automatically during soft- ware compilation by the DFPAU-DP C driver. DFPAU-DP was designed to operate with DCD’s DP8051, but can also operate with any other 8-, 16- and 32-bit processor. Driv- ers for all popular 8051 C compilers are de- livered together with the DFPAU-DP pack- age. DFPAU-DP uses the specialized algorithms to compute math functions. It supports addi- tion, subtraction, multiplication, division, square root , and comparison. It has built-in conversion instructions from integer type to floating point type and vice versa. The input numbers format is according to IEEE-754 standard. DFPAU-DP supports double and single precision real numbers, 8-bit, 16-bit and 32-bit integers. DFPAU-DP is prepared to use with 8-, 16- and 32-bit processors. Each floating point function can be turned on/off at configuration level providing the flexible scalability of DFPAU-DP module. It allows save silicon space and provides exact configuration required by certain application. DFPAU-DP is a technology independent de- sign that can be implemented in a variety of process technologies. APPLI C ATIONS Math coprocessors DSP algorithms Embedded arithmetic coprocessor Fast data processing & control |
Similar Part No. - DFPAU-DP |
|
Similar Description - DFPAU-DP |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |