Electronic Components Datasheet Search
  English  ▼

X  

AX1250 Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX1250
Description  2A Sink/Source Bus Termination Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1250 Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX1250 Datasheet HTML 1Page - AXElite technology co. ltd AX1250 Datasheet HTML 2Page - AXElite technology co. ltd AX1250 Datasheet HTML 3Page - AXElite technology co. ltd AX1250 Datasheet HTML 4Page - AXElite technology co. ltd AX1250 Datasheet HTML 5Page - AXElite technology co. ltd AX1250 Datasheet HTML 6Page - AXElite technology co. ltd AX1250 Datasheet HTML 7Page - AXElite technology co. ltd AX1250 Datasheet HTML 8Page - AXElite technology co. ltd AX1250 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.6 Sep.20, 2019
AX1250ES
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Characteristics
Symbol
Rating
Unit
VIN Supply Voltage
VIN
6
V
Control Voltage
VCNTL
6
V
Power Dissipation
PD
Internally Limited
W
Storage Temperature Range
TST
-65 to +150
°C
Thermal Resistance from Junction to case
θJC
15
°C/W
Thermal Resistance from Junction to ambient
θJA
40
°C/W
Note: θJA is measured with the PCB copper area (need connect to Exposed pad) of approximately 1.5 in2
(Multi-layer).
OPERATING RATTING
Parameter
Symbol
Value
Unit
Input Voltage
VIN
1.3 to VCNTL
V
Control Voltage
VCNTL
5 or 3.3
V
Ambient Temperature
TA
-40 to +85
°C
Junction Temperature
TJ
-40 to +125
°C
Note: VOS offset is the voltage measurement defined as VOUT subtracted from VREFEN.
ELECTRICAL CHARACTERISTICS
VIN=2.5V, VCNTL=3.3V, VREFEN=1.25V, COUT=10µF (Ceramic), TA=25ºC, unless otherwise
specified
Characteristics
Symbol
Conditions
Min Typ Max Units
Gate Drive Voltage Range
VCNTL
- 3.3 5.5
V
POR Threshold
VCNTLRTH
- 2.5
-
V
POR Hysteresis
VCNTL
- 0.1
-
V
Input Voltage
VIN
1.3 - VCNTL
V
Quiescent Current
ICNTL IOUT=0A
-
1
3
mA
Standby Current
ISTBY IOUT=0A, VREFEN=0V
-
1
10
μA
Output Offset Voltage (Note1)
VOS
IOUT=0A
-10 -
+10 mV
Load Regulation (Note2)
△VLOAD IOUT=±2.0A
- 0.5 ±2
%
Shutdown Threshold
VIH
Enable, REFEN Rising
0.7 -
-
V
VIL
Shutdown, REFEN
Falling
-
-
0.2
V
Current Limit
ICL-Source Sourcing
2.2 -
-
A
ICL-Sink Sinking
2.2 -
-
A
Soft-Start Period
TSS
VOUT=1.25V
- 1.5
-
mS
Thermal Shutdown
TSD
- 160
-
°C
Thermal Shutdown Hysterisis
TSDH
-
30
-
°C
Note 1: VOS offset is the voltage measurement defined as VOUT subtracted from VREFEN.
Note 2: Regulation is measured at constant junction temperature by using a 5ms current pulse. Devices are
tested for load regulation in the load range from 0A to 2A.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com