Electronic Components Datasheet Search
  English  ▼

X  

AX1250 Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX1250
Description  2A Sink/Source Bus Termination Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1250 Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX1250 Datasheet HTML 1Page - AXElite technology co. ltd AX1250 Datasheet HTML 2Page - AXElite technology co. ltd AX1250 Datasheet HTML 3Page - AXElite technology co. ltd AX1250 Datasheet HTML 4Page - AXElite technology co. ltd AX1250 Datasheet HTML 5Page - AXElite technology co. ltd AX1250 Datasheet HTML 6Page - AXElite technology co. ltd AX1250 Datasheet HTML 7Page - AXElite technology co. ltd AX1250 Datasheet HTML 8Page - AXElite technology co. ltd AX1250 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.6 Sep.20, 2019
AX1250ES
2A Sink/Source Bus Termination Regulator
GENERAL DESCRIPTION
The AX1250ES is a simple, cost-effective and high-speed linear regulator designed
to generate termination voltage in double data rate (DDR) memory system to comply with
the JEDEC SSTL_2 and SSTL_18 or other specific interfaces such as HSTL, SCSI-2 and
SCSI-3 etc. devices requirements. The regulator is capable of actively sinking or sourcing
up to 2A while regulating an output voltage to within 40mV. The output termination voltage
cab be tightly regulated to track 1/2VDDQ by two external voltage divider resistors or the
desired output voltage can be programmed by externally forcing the REFEN pin voltage.
The AX1250ES also incorporates a high-speed differential amplifier to provide
ultra-fast response in line/load transient. Other features include extremely low initial offset
voltage, excellent load regulation, current limiting in bi-directions and on-chip thermal
shut-down protection.
The AX1250ES are available in the SOP-8L-EP (Exposed Pad) surface mount
packages.
FEATURES
- Ideal for DDR-I, DDR-II and DDR-III VTT Applications
- Sink and Source 2A Continuous Current
- Integrated Power MOSFETs
- Generates Termination Voltage for SSTL_2, SSTL _18, HSTL, SCSI-2 and SCSI-3
Interfaces.
- High Accuracy Output Voltage at Full-Load
- Output Voltage traces REFEN Pin Voltage.
- Low External Component Count
- Shutdown for Suspend to RAM (STR) Functionality with High-Impedance Output
- Current Limiting Protection
- Thermal Shutdown Protection
- SOP-8L with exposed pad Pb-Free Package.
- RoHS and Halogen free compliance


Similar Part No. - AX1250

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX12500 AXIOMTEK-AX12500 Datasheet
200Kb / 1P
Flexible expansion through MiniPCI
More results

Similar Description - AX1250

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173C RICHTEK-RT9173C Datasheet
225Kb / 13P
Cost-Effective, 2A Sink/Source Bus Termination Regulator
RT9199 RICHTEK-RT9199 Datasheet
204Kb / 13P
Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1250CMP A-POWER-AP1250CMP Datasheet
427Kb / 5P
2A Sink/Source Bus Termination Regulator
logo
Seaward Electronics Inc...
SE9174C SEAWARD-SE9174C Datasheet
326Kb / 6P
2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1280AMP A-POWER-AP1280AMP Datasheet
202Kb / 5P
2A SINK/SOURCE BUS TERMINATION REGULATOR
AP1280AMP A-POWER-AP1280AMP_14 Datasheet
202Kb / 5P
2A SINK/SOURCE BUS TERMINATION REGULATOR
AP1280AMP A-POWER-AP1280AMP_16 Datasheet
375Kb / 7P
2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Seaward Electronics Inc...
SE9175 SEAWARD-SE9175 Datasheet
961Kb / 10P
2A Sink/Source Bus Termination Regulator
logo
Excelliance MOS Corp.
EM5049 EXCELLIANCE-EM5049 Datasheet
1Mb / 10P
2A Sink/Source Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com