Electronic Components Datasheet Search
  English  ▼

X  

AX1250 Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX1250
Description  2A Sink/Source Bus Termination Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1250 Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX1250 Datasheet HTML 1Page - AXElite technology co. ltd AX1250 Datasheet HTML 2Page - AXElite technology co. ltd AX1250 Datasheet HTML 3Page - AXElite technology co. ltd AX1250 Datasheet HTML 4Page - AXElite technology co. ltd AX1250 Datasheet HTML 5Page - AXElite technology co. ltd AX1250 Datasheet HTML 6Page - AXElite technology co. ltd AX1250 Datasheet HTML 7Page - AXElite technology co. ltd AX1250 Datasheet HTML 8Page - AXElite technology co. ltd AX1250 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.6 Sep.20, 2019
AX1250ES
APPLICATION CIRCUIT
C3
1
2
3
4
AX1250ES
REFEN
VIN
VOUT
VCNTL
GND
C1
470uF
(Low ESR)
C4
EN
C2
1uF
R1
R2
100K
100K
47uF
VIN=2.5V/1.8V/1.5V
VCNTL=3.3V
RTT
6
RTT=50Ω/33Ω/25Ω
C3=10uF(Ceramic) + 1000uF under the worst case testing condition
ON OFF
APPLICATION INFORMATION
Input Capacitor and Layout Consideration
Place the input bypass capacitor as close as possible to the AX1250ES. A low ESR
capacitor larger than 470uF is recommended for the input capacitor. Use short and wide
traces to minimize parasitic resistance and inductance. Inappropriate layout may result in
large parasitic inductance and cause undesired oscillation between AX1250ES and the
preceding power converter.
Consideration while designs the resistance of voltage divider
Make sure the sinking current capability of pull-down NMOS if the lower resistance
was chosen so that the voltage on VREFEN is below 0.2V. In addition, the capacitor and
voltage divider form the low pass filter. There are two reasons doing this design; one is
for output voltage soft-start while another is for noise immunity.
R1
R2
R3
R4
R5
R6
R7
R8
R9
R(2N)
R(2N+1)
R0
BUS(2N)
BUS(2N+1)
BUS(9)
BUS(8)
BUS(7)
BUS(6)
BUS(5)
BUS(4)
BUS(3)
BUS(2)
BUS(1)
BUS(0)
Terminator Resistor
AX1250ES
AX1250ES
VOUT
VOUT
REFEN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com