Electronic Components Datasheet Search
  English  ▼

X  

S10140 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # S10140
Description  CCD area image sensor Low readout noise, high resolution (pixel size: 12 關m)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10140 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  S10140 Datasheet HTML 1Page - Hamamatsu Corporation S10140 Datasheet HTML 2Page - Hamamatsu Corporation S10140 Datasheet HTML 3Page - Hamamatsu Corporation S10140 Datasheet HTML 4Page - Hamamatsu Corporation S10140 Datasheet HTML 5Page - Hamamatsu Corporation S10140 Datasheet HTML 6Page - Hamamatsu Corporation S10140 Datasheet HTML 7Page - Hamamatsu Corporation S10140 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CCD area image sensor
S10140/S10141 series
INTEGRATION PERIOD
(Shutter must be open)
P1V
RG
OS
P2V, TG
P1H
P2H, SG
READOUT PERIOD (Shutter must be closed)
ENLARGED VIEW
Tpwv
Tovr
Tpwr
D1
D2
D3
D4
D18
D19
D20
D5..D10, S1..S1024, D11..D17
P2V, TG
P1H
P2H, SG
RG
OS
Tpwh, Tpws
12
3
S1..S512
: S1014*-1007/-1008/-1009
: S1014*-1107/-1108/-1109
4.. 63
4..127
4..255
64
← 58 + 6 (BEVEL): S1014*-1007/-1107
128
←122 + 6 (BEVEL): S1014*-1008/-1108
256
←250 + 6 (BEVEL): S1014*-1009/-1109
KMPDC0243EA
Parameter
Symbol
Remark
Min.
Typ.
Max.
Unit
Pulse width
Tpwv
6
8
-
µs
P1V, P2V, TG
Rise and fall time
Tprv, Tpfv
*14
20
-
-
ns
Pulse width
Tpwh
1000
2000
-
ns
Rise and fall time
Tprh, Tpfh
10
-
-
ns
P1H, P2H
Duty ratio
-
*14
40
50
60
%
Pulse width
Tpws
1000
2000
-
ns
Rise and fall time
Tprs, Tpfs
10
-
-
ns
SG
Duty ratio
-
-
40
50
60
%
Pulse width
Tpwr
100
1000
-
ns
RG
Rise and fall time
Tprr, Tpfr
-
5
-
-
ns
TG - P1H
Overlap time
Tovr
-
1
2
-
µs
*14: The clock pulses should be overlapped at 50 % of clock pulse amplitude.
Area scanning
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com