Electronic Components Datasheet Search
  English  ▼

X  

S10140 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S10140
Description  CCD area image sensor Low readout noise, high resolution (pixel size: 12 關m)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10140 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S10140 Datasheet HTML 1Page - Hamamatsu Corporation S10140 Datasheet HTML 2Page - Hamamatsu Corporation S10140 Datasheet HTML 3Page - Hamamatsu Corporation S10140 Datasheet HTML 4Page - Hamamatsu Corporation S10140 Datasheet HTML 5Page - Hamamatsu Corporation S10140 Datasheet HTML 6Page - Hamamatsu Corporation S10140 Datasheet HTML 7Page - Hamamatsu Corporation S10140 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S10140/S10141 series is a family of back-thinned FFT-CCD image sensors specifically designed for low-light-level detection in scientific
applications. By using the binning operation, S10140/S0141 series can be used as a linear image sensor having a long aperture in the direction of
the device length. This makes S10140/S10141 series ideally suited for use in spectrophotometry. The binning operation offers significant
improvement in S/N and signal processing speed compared with conventional methods by which signals are digitally added by an external circuit.
S10140/S10141 series also features low noise and low dark signal (MPP mode operation). This enables low-light-level detection and long
integration time, thus achieving a wide dynamic range.
S10140/S10141 series has an effective pixel size of 12 × 12 µm and is available in image areas ranging from 12.288 (H) × 1.464 (V) mm2 (1024 ×
122 pixels) up to a large image area of 24.576 (H) × 6.072 (V) mm2 (2048 × 506 pixels).
Features
l Low readout noise: 4 e-rms Typ.
l High resolution: pixel size 12 × 12 µm
l Non-cooled type: S10140 series
One-stage TE-cooled type: S10141 series
l Line, pixel binning, area scanning
l Greater than 90 % quantum efficiency at peak sensitivity
wavelength
l Wide spectral response range
l Wide dynamic range
l MPP operation
l High UV sensitivity with good stability
l Same pin connections as S7030/S7031 series
Applications
l Fluorescence spectrometer, ICP
l Industrial inspection requiring
l Semiconductor inspection
l DNA sequencer
l Low-light-level detection
IMAGE
SENSOR
CCD area image sensor
Low readout noise, high resolution (pixel size: 12 µm)
S10140/S10141 series
s Selection guide
Type No.
Cooling
Number of total
pixels
Number of active
pixels
Active area
[mm (H) × mm (V)]
Suitable
multichannel
detector head
S10140-1007
1044 × 128
1024 × 122
12.288 × 1.464
S10140-1008
1044 × 256
1024 × 250
12.288 × 3.000
S10140-1009
1044 × 512
1024 × 506
12.288 × 6.072
S10140-1107
2068 × 128
2048 × 122
24.576 × 1.464
S10140-1108
2068 × 256
2048 × 250
24.576 × 3.000
S10140-1109
Non-cooled
2068 × 512
2048 × 506
24.576 × 6.072
C10150
S10141-1007S
1044 × 128
1024 × 122
12.288 × 1.464
S10141-1008S
1044 × 256
1024 × 250
12.288 × 3.000
S10141-1009S
1044 × 512
1024 × 506
12.288 × 6.072
S10141-1107S
2068 × 128
2048 × 122
24.576 × 1.464
S10141-1108S
2068 × 256
2048 × 250
24.576 × 3.000
S10141-1109S
One-stage
TE-cooled
2068 × 512
2048 × 506
24.576 × 6.072
C10151
s General ratings
Parameter
S10140 series
S10141 series
Pixel size
12 (H) × 12 (V) µm
Vertical clock phase
2 phases
Horizontal clock phase
2 phases
Output circuit
One-stage MOSFET source follower
Package
24 pin ceramic DIP (refer to dimensional outlines)
Window *1
Quartz glass
AR-coated sapphire
*1: Window-less is available upon request.
1


Similar Part No. - S10140

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10140-1007 HAMAMATSU-S10140-1007 Datasheet
297Kb / 13P
Low readout noise, high resolution (pixel size: 12 ..m)
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
CCD area image sensor
S10140-1008 HAMAMATSU-S10140-1008 Datasheet
297Kb / 13P
Low readout noise, high resolution (pixel size: 12 ..m)
S10140-1009 HAMAMATSU-S10140-1009 Datasheet
297Kb / 13P
Low readout noise, high resolution (pixel size: 12 ..m)
S10140-1107 HAMAMATSU-S10140-1107 Datasheet
297Kb / 13P
Low readout noise, high resolution (pixel size: 12 ..m)
More results

Similar Description - S10140

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CCD595 FAIRCHILD-CCD595 Datasheet
190Kb / 3P
9216 x 9216 Pixel Image Area Full Frame CCD Image Sensor
logo
Hamamatsu Corporation
S9970 HAMAMATSU-S9970 Datasheet
298Kb / 10P
CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
S9970 HAMAMATSU-S9970_09 Datasheet
480Kb / 11P
CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
S10140 HAMAMATSU-S10140_11 Datasheet
297Kb / 13P
Low readout noise, high resolution (pixel size: 12 ..m)
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
CCD area image sensor
logo
Texas Instruments
TC217 TI1-TC217_08 Datasheet
394Kb / 21P
pixel ccd image sensor
TC245_1998 TI1-TC245_1998 Datasheet
309Kb / 19P
pixel ccd image sensor
TC255P TI1-TC255P_03 Datasheet
350Kb / 18P
PIXEL CCD IMAGE SENSOR
TC281 TI1-TC281_03 Datasheet
268Kb / 18P
PIXEL CCD IMAGE SENSOR
logo
Panasonic Semiconductor
MN39242FT PANASONIC-MN39242FT Datasheet
95Kb / 7P
CCD Area Image Sensor Diagonal 4.5 mm (type-1/4) 570k-pixel CCD Area Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com