Electronic Components Datasheet Search
  English  ▼

X  

S10140 Datasheet(PDF) 8 Page - Hamamatsu Corporation

Part # S10140
Description  CCD area image sensor Low readout noise, high resolution (pixel size: 12 關m)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10140 Datasheet(HTML) 8 Page - Hamamatsu Corporation

  S10140 Datasheet HTML 1Page - Hamamatsu Corporation S10140 Datasheet HTML 2Page - Hamamatsu Corporation S10140 Datasheet HTML 3Page - Hamamatsu Corporation S10140 Datasheet HTML 4Page - Hamamatsu Corporation S10140 Datasheet HTML 5Page - Hamamatsu Corporation S10140 Datasheet HTML 6Page - Hamamatsu Corporation S10140 Datasheet HTML 7Page - Hamamatsu Corporation S10140 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CCD area image sensor
S10140/S10141 series
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2007 Hamamatsu Photonics K.K.
s Specifications of built-in temperature sensor
A chip thermistor is built in the same package with a CCD chip, and the CCD chip temperature can be monitored with it. A relation
between the thermistor resistance and absolute temperature is expressed by the following equation.
R1 = R2 × expB (1 / T1 - 1 / T2)
where R1 is the resistance at absolute temperature T1 (K)
R2 is the resistance at absolute temperature T2 (K)
B is so-called the B constant (K)
The characteristics of the thermistor used are as follows.
R (298K) = 10 k
Ω
B (298K / 323K) = 3450 K
Cat. No. KMPD1094E05
Oct. 2007 DN
s Precaution for use (Electrostatic countermeasures)
q Handle these sensors with bare hands or wearing cotton gloves. In addition, wear anti-static clothing or use a wrist band with
an earth ring, in order to prevent electrostatic damage due to electrical charges from friction.
q Avoid directly placing these sensors on a work-desk or work-bench that may carry an electrostatic charge.
q Provide ground lines or ground connection with the work-floor, work-desk and work-bench to allow static electricity to
discharge.
q Ground the tools used to handle these sensors, such as tweezers and soldering irons.
It is not always necessary to provide all the electrostatic measures stated above. Implement these measures according to the
amount of damage that occurs.
s Element cooling/heating temperature incline rate
When cooling the CCD by an externally attached cooler, set the cooler operation so that the temperature gradient (rate of
temperature change) for cooling or allowing the CCD to warm back is less than 5 K/minute.
KMPDB0111EB
10 k
Ω
220
240
260
TEMPERATURE (K)
280
300
100 k
Ω
1 M
Ω
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com