Electronic Components Datasheet Search
  English  ▼

X  

ADL8113 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL8113
Description  10MHz to 12GHz Low Noise Amplifier with 10MHz to 14GHz Bypass Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8113 Datasheet(HTML) 5 Page - Analog Devices

  ADL8113 Datasheet HTML 1Page - Analog Devices ADL8113 Datasheet HTML 2Page - Analog Devices ADL8113 Datasheet HTML 3Page - Analog Devices ADL8113 Datasheet HTML 4Page - Analog Devices ADL8113 Datasheet HTML 5Page - Analog Devices ADL8113 Datasheet HTML 6Page - Analog Devices ADL8113 Datasheet HTML 7Page - Analog Devices ADL8113 Datasheet HTML 8Page - Analog Devices ADL8113 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Data Sheet
ADL8113
analog.com
Rev. 0 | 5 of 37
SPECIFICATIONS
200MH
z TO 6GHz FREQUENCY RANGE
VDD1 = +5V, IDQ = 110mA, VSS2 = −3.3V, VDD2 = +3.3V, and TCASE = 25°C, unless otherwise noted.
Table 2. 200MHz to 6GHz Frequency Range Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
0.200
6
GHz
INTERNAL AMPLIFIER MODE
Small Signal Gain
12.0
14.0
dB
Gain Flatness
±0.25
dB
S11
15
dB
S22
17
dB
OP1dB
18.5
20.5
dBm
OIP3
Measurement taken at POUT per tone =
5dBm
35.5
dBm
OIP2
Measurement taken at POUT per tone =
5dBm
41.7
dBm
Noise Figure
3.8
dB
INTERNAL BYPASS SWITCH MODE
Insertion Loss
2.2
dB
S11
21
dB
S22
23
dB
IIP3
Measurement taken at PIN per tone =
14dBm
50
dBm
IP0.1dB
27.5
dBm
IP1dB
28
dBm
EXTERNAL BYPASS A MODE
Insertion Loss
RFIN to OUT_A or IN_A to RFOUT
1.2
dB
S11
Looking into RFIN
23.5
dB
Looking into IN_A
23.5
dB
Looking into IN_B
1.5
dB
S22
Looking into RFOUT
25
dB
Looking into OUT_A
25
dB
Looking into OUT_B
1.5
dB
IP0.1dB
Looking into RFIN to OUT_A or IN_A to
RFOUT
27.5
dBm
IP1dB
Looking into RFIN to OUT_A or IN_A to
RFOUT
28
dBm
IIP3
Looking into RFIN to OUT_A or IN_A to
RFOUT; measurement taken at PIN per
tone = 14dBm
50
dBm
EXTERNAL BYPASS B MODE
Insertion Loss
RFIN to OUT_B or IN_B to RFOUT
1.2
dB
S11
Looking into RFIN
23.5
dB
Looking into IN_A
1.5
dB
Looking into IN_B
23.5
dB
S22
Looking into RFOUT
25
dB
Looking into OUT_A
1.5
dB
Looking into OUT_B
25
dB
IP0.1dB
RFIN to OUT_B or IN_B to RFOUT
27.5
dBm
IP1dB
RFIN to OUT_B or IN_B to RFOUT
28
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com