Electronic Components Datasheet Search
  English  ▼

X  

ADL8113 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL8113
Description  10MHz to 12GHz Low Noise Amplifier with 10MHz to 14GHz Bypass Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8113 Datasheet(HTML) 1 Page - Analog Devices

  ADL8113 Datasheet HTML 1Page - Analog Devices ADL8113 Datasheet HTML 2Page - Analog Devices ADL8113 Datasheet HTML 3Page - Analog Devices ADL8113 Datasheet HTML 4Page - Analog Devices ADL8113 Datasheet HTML 5Page - Analog Devices ADL8113 Datasheet HTML 6Page - Analog Devices ADL8113 Datasheet HTML 7Page - Analog Devices ADL8113 Datasheet HTML 8Page - Analog Devices ADL8113 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Data Sheet
ADL8113
10MHz to 12GHz Low Noise Amplifier with 10MHz to 14GHz Bypass Switches
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog Devices
for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change
without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered
trademarks are the property of their respective owners. All Analog Devices products contained herein are subject to release and availability.
FEATURES
►
Wideband amplifier with multiple bypass modes
►
4 pin-selectable operating modes
►
Internal amplifier mode operating from 10MHz to 12GHz
►
Internal bypass mode operating from 10MHz to 14GHz
►
Two external bypass modes from 10MHz to 14GHz
►
Integrated power-supply decoupling
►
Reflective bypass switches
►
In internal amplifier mode
►
Small signal gain: 14.0dB typical from 200MHz to 6GHz
►
OP1dB: 20.5dBm typical from 200MHz to 6GHz
►
OIP3: 35.5dBm typical from 200MHz to 6GHz
►
OIP2: 44.6dBm typical from 9GHz to 12GHz
►
Noise figure: 3.8dB typical from 200MHz to 6GHz
►
In internal bypass switch mode
►
Insertion loss: 2.2dB typical from 200MHz to 6GHz
►
Operating temperature range: −40°C to +85°C
►
RoHS-compliant, 6mm × 6mm, 28-terminal LGA
APPLICATIONS
►
Electronic test and measurement equipment
►
Electronic warfare
►
Wireless receivers
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADL8113 is a low noise amplifier (LNA) with bypass switches
that provides broadband operation from 10MHz to 12GHz. The
ADL8113 provides a low noise figure of 3.8dB and an output third-
order intercept point (OIP3) of 35.5dBm from 200MHz to 6GHz. The
ADL8113 provides a small signal gain of 14.0dB that is stable over
frequency, temperature, power supply, and from device to device.
The integration of an amplifier and two SP4T reflective switches
allows multiple paths through the device. The addition of switches
also offers a high input third-order intercept (IIP3) path when large
input signals are present. With the integration of power-supply
decoupling capacitors, minimal external power-supply decoupling is
required.
The ADL8113 is fully specified for operation across a temperature
range of −40°C to +85°C. The ADL8113 is available in a 6mm ×
6mm, 28-terminal land grid array (LGA) package.


Similar Part No. - ADL8113

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8111 AD-ADL8111 Datasheet
799Kb / 24P
Bypass Amplifier
4/2019-Revision 0
ADL8111 AD-ADL8111 Datasheet
2Mb / 24P
10 MHz to 8 GHz Bypass Amplifier
Rev. A
ADL8111-EVALZ AD-ADL8111-EVALZ Datasheet
799Kb / 24P
Bypass Amplifier
4/2019-Revision 0
ADL8111-EVALZ AD-ADL8111-EVALZ Datasheet
2Mb / 24P
10 MHz to 8 GHz Bypass Amplifier
Rev. A
ADL8111ACCZN AD-ADL8111ACCZN Datasheet
799Kb / 24P
Bypass Amplifier
4/2019-Revision 0
More results

Similar Description - ADL8113

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5101 INTERSIL-HA-5101 Datasheet
534Kb / 10P
10MHz, Low Noise, Operational Amplifiers
April 2002
HA-5101 INTERSIL-HA-5101_03 Datasheet
556Kb / 10P
10MHz, Low Noise, Operational Amplifiers
May 2003
logo
Maxim Integrated Produc...
DS4026_0709 MAXIM-DS4026_0709 Datasheet
176Kb / 13P
10MHz to 51.84MHz TCXO
Rev 1; 9/07
logo
Texas Instruments
OPA141 TI-OPA141 Datasheet
778Kb / 23P
Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier
OPA141 TI-OPA141_1 Datasheet
915Kb / 25P
Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
LMV721 TI1-LMV721 Datasheet
966Kb / 18P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
OPA141 TI-OPA141_15 Datasheet
1Mb / 30P
Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
LMV721-N TI1-LMV721-N Datasheet
1Mb / 27P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
TAITIEN ELECTRONICS CO....
NJ-10M-6800 TAITIEN-NJ-10M-6800 Datasheet
467Kb / 4P
10MHz Low Noise OCXO
logo
Renesas Technology Corp
HA-5101 RENESAS-HA-5101 Datasheet
563Kb / 10P
10MHz, Low Noise, Operational Amplifiers
May 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com