Electronic Components Datasheet Search
  English  ▼

X  

ADL8113 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL8113
Description  10MHz to 12GHz Low Noise Amplifier with 10MHz to 14GHz Bypass Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8113 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL8113 Datasheet HTML 5Page - Analog Devices ADL8113 Datasheet HTML 6Page - Analog Devices ADL8113 Datasheet HTML 7Page - Analog Devices ADL8113 Datasheet HTML 8Page - Analog Devices ADL8113 Datasheet HTML 9Page - Analog Devices ADL8113 Datasheet HTML 10Page - Analog Devices ADL8113 Datasheet HTML 11Page - Analog Devices ADL8113 Datasheet HTML 12Page - Analog Devices ADL8113 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Data Sheet
ADL8113
analog.com
Rev. 0 | 9 of 37
SPECIFICATIONS
9GH
z TO 12GHz FREQUENCY RANGE
VDD1 = +5V, IDQ = 110mA, VSS2 = −3.3V, VDD2 = +3.3V, and TCASE = 25°C, unless otherwise noted.
Table 4. 9GHz to 12GHz Frequency Range Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
9
12
GHz
INTERNAL AMPLIFIER MODE
Small Signal Gain
11.7
13.7
dB
Gain Flatness
±0.3
dB
S11
18.5
dB
S22
25
dB
OP1dB
13.8
15.8
dBm
OIP3
Measurement taken at POUT per tone =
5dBm
30.7
dBm
OIP2
Measurement taken at POUT per tone =
5dBm
44.6
dBm
Noise Figure
4.6
dB
INTERNAL BYPASS SWITCH MODE
Insertion Loss
2.8
dB
S11
19.2
dB
S22
24.2
dB
IP1dB
28
dBm
IP0.1dB
27.5
dBm
IIP3
Measurement taken at PIN per tone =
14dBm
50
dBm
EXTERNAL BYPASS A MODE
Insertion Loss
RFIN to OUT_A or IN_A to RFOUT
1.6
dB
S11
Looking into RFIN
23.2
dB
Looking into IN_A
23.2
dB
Looking into IN_B
3
dB
S22
Looking into RFOUT
24.4
dB
Looking into OUT_A
24.4
dB
Looking into OUT_B
3
dB
IP1dB
RFIN to OUT_A or IN_A to RFOUT
28
dBm
IP0.1dB
RFIN to OUT_A or IN_A to RFOUT
27.5
dBm
IIP3
RFIN to OUT_A or IN_A to RFOUT;
measurement taken at PIN per tone =
14dBm
50
dBm
EXTERNAL BYPASS B MODE
Insertion Loss
RFIN to OUT_B or IN_B to RFOUT
1.6
dB
S11
Looking into RFIN
23.2
dB
Looking into IN_A
3
dB
Looking into IN_B
23.2
dB
S22
Looking into RFOUT
24.4
dB
Looking into OUT_A
3
dB
Looking into OUT_B
24.4
dB
IP1dB
RFIN to OUT_B or IN_B to RFOUT
28
dBm
IP0.1dB
RFIN to OUT_B or IN_B to RFOUT
27.5
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com