Electronic Components Datasheet Search
  English  ▼

X  

ADPL40502 Datasheet(PDF) 4 Page - Analog Devices

Part # ADPL40502
Description  Low Noise, 200mA, CMOS Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL40502 Datasheet(HTML) 4 Page - Analog Devices

  ADPL40502 Datasheet HTML 1Page - Analog Devices ADPL40502 Datasheet HTML 2Page - Analog Devices ADPL40502 Datasheet HTML 3Page - Analog Devices ADPL40502 Datasheet HTML 4Page - Analog Devices ADPL40502 Datasheet HTML 5Page - Analog Devices ADPL40502 Datasheet HTML 6Page - Analog Devices ADPL40502 Datasheet HTML 7Page - Analog Devices ADPL40502 Datasheet HTML 8Page - Analog Devices ADPL40502 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Data Sheet
ADPL40502
analog.com
Rev. 0
4 of 17
(VIN = (VOUT + 0.4 V) or 2.2 V, whichever is greater, VEN = VIN, IOUT = 10mA, CIN = COUT = 1µF, and TA = -40°C to +125°C (Typ
values at 25°C), unless otherwise noted. Note that VIN is the input voltage, VOUT is the output voltage, IOUT is the
output current, CIN is the input capacitance, and COUT is the output capacitance.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Noise
OUTNOISE
10Hz to 100kHz, VIN = 5V,
VOUT = 3.3V
20
µVRMS
10Hz to 100kHz, VIN = 5V,
VOUT = 2.5V
20
µVRMS
Power Supply Rejection Ratio
Power Supply Rejection
Ratio
PSRR
10kHz, VIN = 3.8V to 4.3V,
VOUT = 3.3V, IOUT = 10mA
70
dB
100kHz, VIN = 3.8V to 4.3V,
VOUT = 3.3V, IOUT = 10mA
55
dB
1
Based on an end-point calculation using 0.1mA and 200mA loads. See Figure 6 for typical load regulation
performance for loads less than 1mA
2
Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the
nominal output voltage. This voltage applies only for output voltages above 2.2V.
3
Start-up time is defined as the time between the rising edge of EN and VOUT being at 90% of its nominal value.
4
Current-limit threshold is defined as the current at which the output voltage drops to 90% of the specified
typical value. For example, the current limit for a 3.0V output voltage is defined as the current that causes the
output voltage to drop to 90% of 3.0V (i.e., 2.7V).
Table 2. Input and Output Capacitor, Recommended Specifications
(INPUT AND OUTPUT CAPACITOR, RECOMMENDED SPECIFICATIONS)
PARAMETER
SYMBOL
CONDITIONS
COMMENTS
MIN
TYP MAX UNITS
Minimum Input and
Output Capacitance1
CMIN
TA = −40°C to +125°C
0.7
µF
Capacitor ESR
RESR
TA = −40°C to +125°C
0.001
0.2
Ω
1
The minimum input and output capacitance must be greater than 0.7μF over the full range of operating
conditions. The full range of operating conditions in the application must be considered during device
selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are
recommended, and Y5V and Z5U capacitors are not recommended for use with any low dropout (LDO)
regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com