Electronic Components Datasheet Search
  English  ▼

X  

ADPL40502 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPL40502
Description  Low Noise, 200mA, CMOS Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL40502 Datasheet(HTML) 1 Page - Analog Devices

  ADPL40502 Datasheet HTML 1Page - Analog Devices ADPL40502 Datasheet HTML 2Page - Analog Devices ADPL40502 Datasheet HTML 3Page - Analog Devices ADPL40502 Datasheet HTML 4Page - Analog Devices ADPL40502 Datasheet HTML 5Page - Analog Devices ADPL40502 Datasheet HTML 6Page - Analog Devices ADPL40502 Datasheet HTML 7Page - Analog Devices ADPL40502 Datasheet HTML 8Page - Analog Devices ADPL40502 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Data Sheet
ADPL40502
Low Noise, 200mA, CMOS Linear Regulator
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
©2024 Analog Devices, Inc. Al l rights rese rve d.
FEATURES
Low Noise: 20µVRMS
No Noise Bypass Capacitor Required
Stable with 1µF Ceramic Input and Output
Capacitors
Maximum Output Current: 200mA
Input Voltage Range: 2.2V to 5.5V
Low Quiescent Current
IGND = 20µA with IOUT = 0µA
IGND = 290μA with IOUT = 200mA
Low Shutdown Current: <1µA
Low Dropout Voltage: 150mV at IOUT = 200mA
Initial Accuracy: ±1%
Accuracy Over Line, Load, and Temperature: ±2.5%
7 Fixed Output Voltage Options: 1.2V, 1.5V, 1.8V,
2.5V, 2.8V, 3.0V, and 3.3V
PSRR Performance of 70dB at 10kHz
Current-Limit and Thermal Overload Protection
Logic Controlled Enable
Internal Pull-Down Resistor on EN Input
5-Lead, Thin Small Outline Transistor Package
6-Lead, Lead Frame Chip Scale Package
APPLICATIONS
RF, Voltage-Controlled Oscillator (VCO), and Phase
Locked Loop (PLL) Power Supplies
Mobile Phones
Digital Camera and Audio Devices
Portable and Battery-Powered Equipment
Post DC-to-DC Regulation
Portable Medical Devices
GENERAL DESCRIPTION
The ADPL40502 is a low noise, low dropout (LDO) linear
regulator that operates from 2.2V to 5.5V and provides
up to 200mA of output current. The low 150mV dropout
voltage at 200mA load improves efficiency and allows
operation over a wide input voltage range.
Using an innovative circuit topology, the ADPL40502
achieves low noise performance without the necessity
of a bypass capacitor, making the device ideal for noise
sensitive analog and RF applications. The ADPL40502
also achieves low noise performance without
compromising the power supply rejection ratio (PSRR)
or transient line and load performance. The low 290μA
of operating supply current at 200mA load makes the
ADPL40502 suitable for battery-operated portable
equipment.
The ADPL40502 includes an internal pull-down resistor
on the EN input.
The ADPL40502 is specifically designed for stable
operation with tiny 1µF, ±30% ceramic input and output
capacitors to meet the requirements of high
performance, space constrained applications.
The ADPL40502 is capable of 7 fixed output voltage
options, ranging from 1.2V to 3.3V.
Short-circuit and thermal overload protection circuits
prevent damage in adverse conditions. The ADPL40502
is available in tiny 5-Lead, TSOT and 6-Lead, 2mm x
2mm LFCSP for the smallest footprint solution to meet
a variety of portable power application requirements.
TYPICAL APPLICATION CIRCUITS
Figure 1. TSOT ADPL40502 with Fixed Output Voltage, 1.8V
Figure 2. LFCSP ADPL40502 with Fixed Output Voltage, 1.8V
1
2
3
5
4
1µF
1µF
VOUT = 1.8V
VIN = 2.3V
VOUT
NC
VIN
GND
EN
OFF
ON
NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.


Similar Part No. - ADPL40502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL40505A AD-ADPL40505A Datasheet
549Kb / 17P
5.5V, 500mA LDO Linear Regulator with Low-Power Mode
Rev 0; 10/25
ADPL40505AATA+ AD-ADPL40505AATA+ Datasheet
549Kb / 17P
5.5V, 500mA LDO Linear Regulator with Low-Power Mode
Rev 0; 10/25
ADPL40505AATA+T AD-ADPL40505AATA+T Datasheet
549Kb / 17P
5.5V, 500mA LDO Linear Regulator with Low-Power Mode
Rev 0; 10/25
More results

Similar Description - ADPL40502

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8532 MAXIM-MAX8532 Datasheet
280Kb / 8P
Low-Noise, Low-Dropout, 200mA Linear Regulator in UCSP
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
MAX8532 MAXIM-MAX8532_12 Datasheet
315Kb / 8P
Low-Noise, Low-Dropout,200mA Linear Regulator in UCSP
Rev 1; 2/12
logo
SHANGHAI BELLING CO., L...
BL8060 BELLING-BL8060 Datasheet
660Kb / 10P
200mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE507C ACE-ACE507C Datasheet
635Kb / 9P
200mA Low Consumption Linear Regulator
VER 1.2
logo
Monolithic Power System...
MP2004 MPS-MP2004 Datasheet
353Kb / 9P
Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042 MPS-MP20042 Datasheet
239Kb / 9P
Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20249 MPS-MP20249 Datasheet
352Kb / 12P
Dual, Ultra-Low Noise, High PSRR 200mA Linear Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
LOW-DROPOUT 200mA LINEAR REGULATOR
logo
SHANGHAI BELLING CO., L...
BL8064 BELLING-BL8064_14 Datasheet
1Mb / 9P
200mA Low Consumption Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com