Electronic Components Datasheet Search
  English  ▼

X  

ADPL40502 Datasheet(PDF) 9 Page - Analog Devices

Part # ADPL40502
Description  Low Noise, 200mA, CMOS Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL40502 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADPL40502 Datasheet HTML 5Page - Analog Devices ADPL40502 Datasheet HTML 6Page - Analog Devices ADPL40502 Datasheet HTML 7Page - Analog Devices ADPL40502 Datasheet HTML 8Page - Analog Devices ADPL40502 Datasheet HTML 9Page - Analog Devices ADPL40502 Datasheet HTML 10Page - Analog Devices ADPL40502 Datasheet HTML 11Page - Analog Devices ADPL40502 Datasheet HTML 12Page - Analog Devices ADPL40502 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Data Sheet
ADPL40502
analog.com
Rev. 0
9 of 17
Figure 11. Shutdown Current (IGND-SD) vs. Temperature (TJ)
at Various Input Voltages
Figure 12. Dropout Voltage (VDROPOUT) vs. Load Current (ILOAD)
Figure 13. Output Voltage (VOUT) vs. Input Voltage (VIN)
(in Dropout)
Figure 14. Power Supply Rejection Ratio (PSRR) vs.
Frequency, VOUT = 1.2V, VIN = 2.2V
Figure 15. Power Supply Rejection Ratio (PSRR) vs.
Frequency, VOUT = 2.8V, VIN = 3.3V
Figure 16. Power Supply Rejection Ratio (PSRR) vs.
Frequency, VOUT = 3.3V, VIN = 3.8V
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
–50
–25
125
100
75
50
25
0
TEMPERATURE (°C)
VIN = 3.6V
VIN = 3.8V
VIN = 4.2V
VIN = 4.4V
VIN = 4.8V
VIN = 5.5V
120
100
80
60
40
20
0
1
10
100
1000
ILOAD (mA)
3.40
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
3.55
VIN (V)
IOUT = 1mA
IOUT = 5mA
IOUT = 10mA
IOUT = 50mA
IOUT = 100mA
IOUT = 200mA
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
200mA
100mA
10mA
1mA
100µA
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
200mA
100mA
10mA
1mA
100µA
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
200mA
100mA
10mA
1mA
100µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com