Electronic Components Datasheet Search
  English  ▼

X  

LTM8078 Datasheet(PDF) 39 Page - Analog Devices

Part # LTM8078
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8078 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTM8078 Datasheet HTML 35Page - Analog Devices LTM8078 Datasheet HTML 36Page - Analog Devices LTM8078 Datasheet HTML 37Page - Analog Devices LTM8078 Datasheet HTML 38Page - Analog Devices LTM8078 Datasheet HTML 39Page - Analog Devices LTM8078 Datasheet HTML 40Page - Analog Devices LTM8078 Datasheet HTML 41Page - Analog Devices LTM8078 Datasheet HTML 42Page - Analog Devices LTM8078 Datasheet HTML 43Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
39 of 43
Related Parts
Table 11. Related Parts
PART NUMBER DESCRIPTION
COMMENTS
LTM8063
40V, 2A step-down Silent Switcher
µModule regulator
3.2V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 15V,
4mm × 6.25mm × 2.22mm BGA package
LTM8065
40V, 2.5A step-down Silent Switcher
µModule regulator
3.4V ≤ VIN ≤ 40V, 0.97V ≤ VOUT ≤ 18V,
6.25mm × 6.25mm × 2.32mm BGA package
LTM8053
40V, 3.5A step-down Silent Switcher
µModule regulator
3.4V ≤ VIN ≤ 40V, 0.97V ≤ VOUT ≤ 15V,
6.25mm × 9mm × 3.32mm BGA package
LTM8078
40V, dual 1.4A step-down Silent Switcher
µModule regulator
3V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 10V,
6.25mm × 6.25mm × 2.32mm BGA package
LTM8024
40V, dual 3.5A step-down Silent Switcher
µModule regulator
3V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 8V,
9mm × 11.25mm × 3.32mm BGA package
LTM8051
40V, quad 1.2A step-down Silent Switcher
µModule regulator
3V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 8V,
6.25mm × 11.25mm × 2.32mm BGA package
LTM8060
40V, quad 3A step-down Silent Switcher
µModule regulator
3V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 8V,
16mm × 11.9mm × 3.32mm BGA package
LTM8073
60V, 3A step-down µModule regulator
3.4V ≤ VIN ≤ 60V, 0.85V ≤ VOUT ≤ 15V,
6.25mm × 9mm × 3.32mm BGA package
LTM8071
60V, 5A step-down Silent Switcher
µModule regulator
3.6V ≤ VIN ≤ 60V, 0.97V ≤ VOUT ≤ 15V,
9mm × 11.25mm × 3.32mm BGA package
LTM4644
Quad 4A, 14V step-down µModule regulator
4V ≤ VIN ≤ 14V, 0.6V ≤ VOUT ≤ 5.5V,
9mm × 15mm × 5.01mm BGA package
LTM4643
Quad 3A, 20V Step-Down µModule regulator
4V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 3.3V,
9mm × 15mm × 1.82mm LGA and
9mm × 15mm × 2.42mm BGA packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com