Electronic Components Datasheet Search
  English  ▼

X  

LTM8078 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM8078
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8078 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM8078 Datasheet HTML 16Page - Analog Devices LTM8078 Datasheet HTML 17Page - Analog Devices LTM8078 Datasheet HTML 18Page - Analog Devices LTM8078 Datasheet HTML 19Page - Analog Devices LTM8078 Datasheet HTML 20Page - Analog Devices LTM8078 Datasheet HTML 21Page - Analog Devices LTM8078 Datasheet HTML 22Page - Analog Devices LTM8078 Datasheet HTML 23Page - Analog Devices LTM8078 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
20 of 43
Figure 45. Input Current vs. VIN, VOUT Short-Circuited
Figure 46. Single Channel Derating, VOUT = 1.5V CH1 ON,
CH2 to CH4 OFF, BIAS = 5V, DC2820A-B Demo Board,
TJ = 120°C, Burst Mode Operation
Figure 47. Single Channel Derating, VOUT = 3.3V CH1 ON,
CH2 to CH4 OFF, BIAS = 5V, DC2820A-B Demo Board,
TJ = 120°C, Burst Mode Operation
Figure 48. Single Channel Derating, VOUT = 5V CH1 ON,
CH2 to CH4 OFF, BIAS = 5V, DC2820A-B Demo Board,
TJ = 120°C, Burst Mode Operation
Figure 49. Dual Channel Derating, VOUT = 1.5V CH1/CH3 ON,
CH2/CH4 OFF, BIAS = 5V, DC2820A-B Demo Board,
TJ = 120°C, Burst Mode Operation
Figure 50. Dual Channel Derating, VOUT = 3.3V CH1/CH3 ON,
CH2/CH4 OFF, BIAS = 5V, DC2820A-B Demo Board,
TJ = 120°C, Burst Mode Operation
VIN (V)
5
10
15
20
25
30
35
40
0
500
1000
1500
2000
0LFM
12VIN
24VIN
36VIN
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
0LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
12VIN
24VIN
36VIN
0LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
12VIN
24VIN
36VIN
0LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
12VIN
24VIN
36VIN
0LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
12VIN
24VIN
36VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com