Electronic Components Datasheet Search
  English  ▼

X  

LTM8078 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM8078
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8078 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM8078 Datasheet HTML 17Page - Analog Devices LTM8078 Datasheet HTML 18Page - Analog Devices LTM8078 Datasheet HTML 19Page - Analog Devices LTM8078 Datasheet HTML 20Page - Analog Devices LTM8078 Datasheet HTML 21Page - Analog Devices LTM8078 Datasheet HTML 22Page - Analog Devices LTM8078 Datasheet HTML 23Page - Analog Devices LTM8078 Datasheet HTML 24Page - Analog Devices LTM8078 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
21 of 43
Figure 51. Dual Channel Derating, VOUT = 5V CH1/CH3 ON, CH2/CH4 OFF, BIAS = 5V,
DC2820A-B Demo Board, TJ = 120°C, Burst Mode Operation
THEORY OF OPERATION
LTM8060F Overview
The LTM8060F is a quad standalone non-isolated step-down switching dc-to-dc power supply that can deliver a
peak current of up to 4A per channel. The continuous current is determined by the internal operating temperature.
It provides a precisely regulated output voltage programmable through one external resistor from 0.8V to 8V. The
input voltage range for VIN1 and VIN34 is 3V to 40V, while the input voltage range for VIN2 is 2V to 40V.
Given that the LTM8060F is a step-down converter, make sure that the input voltage is high enough to support the
desired output voltage and load current. The LTM8060F has a fixed fSW peak current mode architecture which
supports reliable clock interleaving. See Figure 52 for the Simplified Block Diagram.
The LTM8060F contains current mode controllers, power switching elements, power inductors, and a modest
amount of input and output capacitance. The LTM8060F is a fixed frequency pulse-width modulation (PWM)
regulator. The switching frequency is set by simply connecting the appropriate resistor value from the RTn pin
to GND.
Internal regulators provide power to the control circuitries. Bias regulators normally draw power from the VINn pin,
but if the BIASn pin is connected to an external voltage higher than 3.2V, bias power is drawn from the external
source (typically the regulated output voltage). This improves efficiency. Connect BIASn to GND if it is not used.
To enhance efficiency, the LTM8060F automatically switches to Burst Mode operation in light or no-load situations.
Between bursts, all circuitry associated with controlling the output switch is shut down, reducing the input supply
current to just a few µA.
The TRSSn node acts as an auxiliary input to the error amplifier. The voltage at FBn servos to the TRSSn voltage
until TRSSn goes above 0.8V. Soft start is implemented by generating a voltage ramp at the TRSSn pin using an
external capacitor, which is charged by an internal 2μA constant current. Alternatively, driving the TRSSn pin with a
signal source or resistive network provides a tracking function. Do not drive the TRSSn pin with a low-impedance
voltage source. See the Applications Information section for more details.
0LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
12VIN
24VIN
36VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com