Electronic Components Datasheet Search
  English  ▼

X  

LTM8060 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM8060
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8060 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM8060 Datasheet HTML 3Page - Analog Devices LTM8060 Datasheet HTML 4Page - Analog Devices LTM8060 Datasheet HTML 5Page - Analog Devices LTM8060 Datasheet HTML 6Page - Analog Devices LTM8060 Datasheet HTML 7Page - Analog Devices LTM8060 Datasheet HTML 8Page - Analog Devices LTM8060 Datasheet HTML 9Page - Analog Devices LTM8060 Datasheet HTML 10Page - Analog Devices LTM8060 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
7 of 43
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise specified.
Table 2. Absolute Maximum Ratings
PARAMETER
RATING
VINn, RUNn, PGn
42V
VOUTn, BIASn, AUXn
10V
FBn, TRSSn, SHAREn, RTn
4V
SYNCn
6V
Maximum Internal Temperature
125°C
Storage Temperature
–55°C to 125°C
Peak Solder Reflow Package Body Temperature
245°C
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
are stress ratings only, functional operation of the product at these or any other conditions above those indicated in
the operational section of this specification is not implied. Operation beyond the maximum operating conditions for
extended periods may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com