Electronic Components Datasheet Search
  English  ▼

X  

LTM8060 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM8060
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8060 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM8060 Datasheet HTML 7Page - Analog Devices LTM8060 Datasheet HTML 8Page - Analog Devices LTM8060 Datasheet HTML 9Page - Analog Devices LTM8060 Datasheet HTML 10Page - Analog Devices LTM8060 Datasheet HTML 11Page - Analog Devices LTM8060 Datasheet HTML 12Page - Analog Devices LTM8060 Datasheet HTML 13Page - Analog Devices LTM8060 Datasheet HTML 14Page - Analog Devices LTM8060 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
11 of 43
PIN
NAME
DESCRIPTION
CFG 1
K8,
K9,
F4, F3
SHARE1−SHARE4
Channel 1 through Channel 4 Current Sharing Control. Connect SHAREn together
when paralleling outputs. The LTM8060F can also share current between modules.
See the Typical Applications section for current sharing between channels and
current sharing between modules.
K11,
K10,
F1, F2
FB1−FB4
The LTM8060F regulates the FBn pin to 800mV. Connect the feedback resistor to
these pins to set the output voltage.
L11,
E1
RT12, 34
Connect a resistor between RTn and ground to set the switching frequency. Do not
drive these pins.
M10,
D2
BIAS12, 34
The internal regulator will draw current from BIASn instead of VIN1 or VIN34 when
BIASn is connected to a voltage higher than 3.2V. For output voltages of 3.3V and
above, these pins should be connected to VOUTn. If these pins are connected to a
supply other than VOUTn, use a local bypass capacitor on these pins.
N10,
L10,
C2, E2
AUX1−AUX4
Low Current Voltage Source for BIAS. In many designs, the BIAS pin is simply
connected to VOUT via the AUX pin. The AUXn pins are internally connected to VOUTn
and placed adjacent to the BIASn pins to ease printed circuit board routing.
Although these pins are internally connected to VOUT, they are not intended to
deliver a higher current, so do NOT connect these pins to the load. If these pins are
not connected to BIAS, leave them floating.
N11,
M11
TRSS1, 2
Output Tracking and Soft Start Pins. These pins allow the user to control the output
voltage ramp rate during startup. A TRSSn voltage below 0.8V forces the LTM8060F
to regulate the FBn pin to equal the TRSSn pin voltage. When TRSSn is above 0.8V,
the tracking function is disabled, and the internal reference resumes control of the
error amplifier. An internal 2μA pull-up current on these pins allow a capacitor to
program output voltage slew rate. These pins are pulled to ground during shutdown
and fault conditions; use a series resistor if driving from a low impedance output.
These pins may be left floating if the soft start feature is not being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com