Electronic Components Datasheet Search
  English  ▼

X  

LTM8060 Datasheet(PDF) 26 Page - Analog Devices

Part # LTM8060
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8060 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTM8060 Datasheet HTML 22Page - Analog Devices LTM8060 Datasheet HTML 23Page - Analog Devices LTM8060 Datasheet HTML 24Page - Analog Devices LTM8060 Datasheet HTML 25Page - Analog Devices LTM8060 Datasheet HTML 26Page - Analog Devices LTM8060 Datasheet HTML 27Page - Analog Devices LTM8060 Datasheet HTML 28Page - Analog Devices LTM8060 Datasheet HTML 29Page - Analog Devices LTM8060 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
26 of 43
Power Derating
Figure 54 through Figure 56, power loss curves, can be used in coordination with the load current derating curves
(Figure 57 through Figure 65) for calculating an approximate θJA thermal resistance for the LTM8060F with airflow
conditions. The power loss curves are taken at room temperature, and are increased with a 1.35 to 1.4
multiplicative factor at 125°C. These factors come from the fact that the power loss of the regulator increases by
about 45% from 25°C to 150°C, thus a 45% spread over 125°C delta equates to ~0.35%/°C loss increase. A 125°C
maximum junction minus 25°C room temperature equates to a 100°C increase. This 100°C increase multiplied by
0.35%/°C equals a 35% power loss increase at the 125°C junction, thus the 1.35 multiplier.
The derating curves are plotted with four VOUTn at the same operating condition starting at 16A of total load current
and low ambient temperature. The derating curves with the airflow are measured at output voltages of 1.5V, 3.3V
and 5V. These are chosen to include the lower and higher output voltage ranges to correlate the thermal resistance.
Thermal models are derived from several temperature measurements in a controlled temperature chamber, along
with thermal finite element analysis (FEA) modeling.
The junction temperatures are monitored while ambient temperature is increased with and without airflow. The
power loss increases with ambient temperature change and is factored into the derating curves. The junction
temperatures are maintained at ~120°C maximum while lowering output current or power while increasing the
ambient temperature. The decreased output current will decrease the internal module loss as ambient
temperature is increased.
The derived thermal resistances in Table 8 through Table 10 for the various conditions can be multiplied by the
calculated power loss as a function of ambient temperature to derive temperature rise above ambient, thus
maximum junction temperature. Room temperature power loss can be derived from the power loss curves
and adjusted with the above ambient temperature multiplicative factors. The printed circuit board is a 1.6mm thick
6-layer board with two-ounce copper (50μm) for all the layers.
Figure 54. 1.5VOUTPower Loss Curves
Figure 55. 3.3VOUT Power Loss Curves
LOAD CURRENT (A)
0
1
2
3
4
0
1
2
3
4
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
4
0
1
2
3
4
12VIN
24VIN
36VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com