Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 41 Page - Analog Devices

Part # LTM4644
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4644 Datasheet(HTML) 41 Page - Analog Devices

Back Button LTM4644 Datasheet HTML 35Page - Analog Devices LTM4644 Datasheet HTML 36Page - Analog Devices LTM4644 Datasheet HTML 37Page - Analog Devices LTM4644 Datasheet HTML 38Page - Analog Devices LTM4644 Datasheet HTML 39Page - Analog Devices LTM4644 Datasheet HTML 40Page - Analog Devices LTM4644 Datasheet HTML 41Page - Analog Devices LTM4644 Datasheet HTML 42Page - Analog Devices LTM4644 Datasheet HTML 43Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
41 of 43
ORDERING GUIDE
Table 12.Ordering Guide
MODEL
TEMPERATURE
RANGE1
PACKAGE DESCRIPTION
PACKAGE OPTION
LTM8060FEV#PBF
–40°C to 125°C LTM8060FV part marking
SAC305 (RoHS) pad finish*
E1 finish code
Moisture sensitivity level 4 (MSL 4) rated device
165-Pin, 16mm × 11.9mm ×
2.9mm, Pre-Soldered Grid
Array (PSGA)
LTM8060FIV#PBF
–40°C to 125°C LTM8060FV part marking
SAC305 (RoHS) pad finish
E1 finish code
Moisture sensitivity level 4 (MSL 4) rated device
165-Pin, 16mm × 11.9mm ×
2.9mm, Pre-Soldered Grid
Array (PSGA)
1 The LTM8060FE is guaranteed to meet performance specifications from 0°C to 125°C internal. Specifications over the full –
40°C to 125°C internal operating temperature range are assured by design, characterization, and correlation with statistical
process controls. The LTM8060FI is guaranteed to meet specifications over the full –40°C to 125°C internal operating
temperature range. Note that the maximum internal temperature is determined by specific operating conditions in
conjunction with board layout, the rated package thermal resistance, and other environmental factors.
Contact the factory for parts specified with wider operating temperature ranges. *Pad finish code is per IPC/JEDEC
J-STD-609. The device temperature grade is indicated by a label on the shipping container.This product is not
recommended for second side reflow. This product is moisture sensitive. For more information, go to
Recommended LGA and BGA PCB assembly and manufacturing procedures. The PSGA package should follow BGA
assembly and manufacturing procedures.
LGA and BGA package and tray drawings.
Table 13.Evaluation Board
PART NUMBER
DESCRIPTION
DC2820A-B
40VIN quad 3A Silent Switcher µModule regulator with EMI shield.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com