Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM4644
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4644 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM4644 Datasheet HTML 2Page - Analog Devices LTM4644 Datasheet HTML 3Page - Analog Devices LTM4644 Datasheet HTML 4Page - Analog Devices LTM4644 Datasheet HTML 5Page - Analog Devices LTM4644 Datasheet HTML 6Page - Analog Devices LTM4644 Datasheet HTML 7Page - Analog Devices LTM4644 Datasheet HTML 8Page - Analog Devices LTM4644 Datasheet HTML 9Page - Analog Devices LTM4644 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
6 of 43
(TA = 25°C, VINn = 12V, RUNn = 2V unless otherwise noted.1,2 )
PARAMETER
SYMBOL
CONDITIONS
COMMENTS MIN TYP MAX UNITS
SYNCn Threshold to
Enable Spread Spectrum
VEN(SYNC)
2.8
4.0
V
SYNCn Current
ISYNC
SYNCn = 6V
60
μA
TRSSn Source Current
ITRSS
TRSSn = 0V
2
μA
TRSSn Pull-Down
Resistance
RTRSS
Fault condition, TRSSn =
0.1V
200
Ω
1
The LTM8060FE is guaranteed to meet performance specifications from 0°C to 125°C internal. Specifications
over the full –40°C to 125°C internal operating temperature range are assured by design, characterization,
and correlation with statistical process controls. The LTM8060FI is guaranteed to meet specifications over
the full –40°C to 125°C internal operating temperature range. Note that the maximum internal temperature is
determined by specific operating conditions in conjunction with board layout, the rated package thermal
resistance and other environmental factors.
2
The n represents each individual channel. Four outputs are tested separately, and the same testing
condition is applied to each output.
3
The maximum current out of any channel may be limited by the internal temperature of the LTM8060F. For
different VIN, VOUT, and TA conditions, see the output current derating curves in the Applications
Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com