Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM4644
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4644 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM4644 Datasheet HTML 4Page - Analog Devices LTM4644 Datasheet HTML 5Page - Analog Devices LTM4644 Datasheet HTML 6Page - Analog Devices LTM4644 Datasheet HTML 7Page - Analog Devices LTM4644 Datasheet HTML 8Page - Analog Devices LTM4644 Datasheet HTML 9Page - Analog Devices LTM4644 Datasheet HTML 10Page - Analog Devices LTM4644 Datasheet HTML 11Page - Analog Devices LTM4644 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
8 of 43
THERMAL RESISTANCE
Thermal performance is directly linked to Printed circuit board (PCB) design and operating environment. Close
attention to PCB thermal design is required.
Electrostatic Discharge (ESD)
The following ESD information is provided for handling of ESD-sensitive devices in an ESD protected area only
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001 Field induced charged device model (FICDM) and charged
device model (CDM) per ANSI/ESDA/JEDEC JS-002. International Electrotechnical Commission (IEC)
electromagnetic compatibility: Part 4-2 (IEC) per IEC 61000-4-2. Machine model (MM) per ANSI/ESD STM5.2. MM
voltage values are for characterization only.
ESD Ratings
Table 3. LTM8060F ESD Ratings
ESD MODEL
WITHSTAND THRESHOLD (V)
CLASS
HBM
±4000
3A
CDM
±1250
C3
ESD Caution
ESD (electrostatic discharge) sensitive device. Charged devices and circuit boards can
discharge without detection. Although this product features patented or proprietary
protection circuitry, damage may occur on devices subjected to high energy ESD. Therefore,
proper ESD precautions should be taken to avoid performance degradation or loss of
functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com